Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 198 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 198 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 194Page - STMicroelectronics STR720RBQ6 Datasheet HTML 195Page - STMicroelectronics STR720RBQ6 Datasheet HTML 196Page - STMicroelectronics STR720RBQ6 Datasheet HTML 197Page - STMicroelectronics STR720RBQ6 Datasheet HTML 198Page - STMicroelectronics STR720RBQ6 Datasheet HTML 199Page - STMicroelectronics STR720RBQ6 Datasheet HTML 200Page - STMicroelectronics STR720RBQ6 Datasheet HTML 201Page - STMicroelectronics STR720RBQ6 Datasheet HTML 202Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 401 page
background image
STR720 - BUFFERED SPI (BSPI)
198/401
Bit 1 = Reserved.
To be left at 0 level (reset status).
Bit 0 = DFIFO: Disable for the FIFO.
When this bit is enabled, the FIFO pointers are all reset to zero, the RFE bits are set to zero
and therefore the BSPI is set to one location. The data within the FIFO is lost. This bit is reset
to zero after a clock cycle.
BSPI Control/Status Register 3 (BSPCSR3)
Address Offset: 14h
Reset value: 0000h
This register is used to control the BSPI DMA interface. When the BSPI is receiving da-
ta, it will be the source of DMA transfer and system memory will act as destination.
Conversely, when the BSPI is in transmit mode, it is sending data to an external source
and it will act as DMA destination while system memory will be the source.
Bits 15:8 = Reserved. These bits must be always written to ‘0’.
Bit 7 = RREQ_EN: Receive REQuest ENable
This is the enable bit for the reception DMA request and it flags the DMA controller that an
amount of data corresponding at least to the configured reception burst length is available in
the BSPI receive FIFO to be transferred.
0 = Receive DMA requests are disabled.
1 = Receive DMA requests are enabled.
Bit 6 = TREQ_EN: Transmit REQuest ENable
This is the enable bit for the transmission DMA request and it flags the DMA controller that in
the BSPI transmit FIFO there is an amount of free locations corresponding at least to the
configured transmission burst length.
0 = Transmit DMA requests are disabled.
1 = Transmit DMA requests are enabled.
Bits 5:4 = RBURST_LEN[1:0]: Receive BURST LENgth
These bits configure the burst length when the BSPI receives data. This programmable length
is used to set the number of data words the DMA controller is expected to retrieve upon a
receive request; this value is used in the DMA interface to determine when the BSPI is ready
to send a data burst to the DMA. A word can be 16 bit or 8 bit wide according to the
configuration set in WL bits inside BSPCSR1 register.
15
14
13
12
11
10
9
8
765432
1
0
Reserved
RREQ
_EN
TREQ
_EN
RBURST_LEN
[1:0]
TBURST_LEN
[1:0]
DMA
_EN
MASK
_SS
-rw
rw
rw
rw
rw
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com