Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 216 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 216 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 212Page - STMicroelectronics STR720RBQ6 Datasheet HTML 213Page - STMicroelectronics STR720RBQ6 Datasheet HTML 214Page - STMicroelectronics STR720RBQ6 Datasheet HTML 215Page - STMicroelectronics STR720RBQ6 Datasheet HTML 216Page - STMicroelectronics STR720RBQ6 Datasheet HTML 217Page - STMicroelectronics STR720RBQ6 Datasheet HTML 218Page - STMicroelectronics STR720RBQ6 Datasheet HTML 219Page - STMicroelectronics STR720RBQ6 Datasheet HTML 220Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
216/401
Bit Timing Register (CAN_BTR)
Address Offset: 0Ch
Reset value: 2301h
Note
With a module clock APB_CLK of 8 MHz, the reset value of 0x2301 configures the
CAN Peripheral for a bit rate of 500 kBit/s. The registers are only writable if bits CCE
and Init in the CAN Control Register are set.
15
14
13
12
11
10
9876
5
4
3
2
1
0
res
TSeg2
TSeg1
SJW
BRP
rw
rw
rw
rw
Bit 15
Reserved
This is a reserved bit. This bit is always read as ‘0’ and must always be
written with ‘0’.
Bits 14:12
TSeg2: Time segment after sample point
0x0-0x7: Valid values for TSeg2 are [ 0 … 7 ]. The actual interpretation by
the hardware of this value is such that one more than the value
programmed here is used.
Bits 11:8
TSeg1: Time segment before the sample point minus Sync_Seg
0x01-0x0F: valid values for TSeg1 are [ 1 … 15 ]. The actual interpretation
by the hardware of this value is such that one more than the value
programmed is used.
Bits 7:6
SJW: (Re)Synchronization Jump Width
0x0-0x3: Valid programmed values are [ 0 … 3 ]. The actual interpretation
by the hardware of this value is such that one more than the value
programmed here is used.
Bits 5:0
BRP: Baud Rate Prescaler
0x01-0x3F: The value by which the oscillator frequency is divided for
generating the bit time quanta. The bit time is built up from a multiple of this
quanta. Valid values for the Baud Rate Prescaler are [ 0 … 63 ]. The actual
interpretation by the hardware of this value is such that one more than the
value programmed here is used.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com