Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 219 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 219 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 215Page - STMicroelectronics STR720RBQ6 Datasheet HTML 216Page - STMicroelectronics STR720RBQ6 Datasheet HTML 217Page - STMicroelectronics STR720RBQ6 Datasheet HTML 218Page - STMicroelectronics STR720RBQ6 Datasheet HTML 219Page - STMicroelectronics STR720RBQ6 Datasheet HTML 220Page - STMicroelectronics STR720RBQ6 Datasheet HTML 221Page - STMicroelectronics STR720RBQ6 Datasheet HTML 222Page - STMicroelectronics STR720RBQ6 Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
219/401
18.5.3
Message Interface Register Sets
There are two sets of Interface Registers, which are used to control the CPU access to the
Message RAM. The Interface Registers avoid conflict between the CPU access to the
Message RAM and CAN message reception and transmission by buffering the data to be
transferred. A complete Message Object (see Section 18.5.3.2 ) or parts of the Message
Object may be transferred between the Message RAM and the IFn Message Buffer registers
(see Section 18.5.3.1 ) in one single transfer.
The function of the two interface register sets is identical except for the Basic test mode. They
can be used the way one set of registers is used for data transfer to the Message RAM while
the other set of registers is used for the data transfer from the Message RAM, allowing both
processes to be interrupted by each other. Table 50 IF1 and IF2 Message Interface Register
Set on page 219 provides an overview of the two Interface Register sets.
Each set of Interface Registers consists of Message Buffer Registers controlled by their own
Command Registers. The Command Mask Register specifies the direction of the data transfer
and which parts of a Message Object will be transferred. The Command Request Register is
used to select a Message Object in the Message RAM as target or source for the transfer and
to start the action specified in the Command Mask Register.
Table 50. IF1 and IF2 Message Interface Register Set
Address
IF1 Register Set
Address
IF2 Register Set
CAN Base + 0x20
IF1 Command Request
CAN Base + 0x80
IF2 Command Request
CAN Base + 0x24
IF1 Command Mask
CAN Base + 0x84
IF2 Command Mask
CAN Base + 0x28
IF1 Mask 1
CAN Base + 0x88
IF2 Mask 1
CAN Base + 0x2C
IF1 Mask 2
CAN Base + 0x8C
IF2 Mask 2
CAN Base + 0x30
IF1 Arbitration 1
CAN Base + 0x90
IF2 Arbitration 1
CAN Base + 0x34
IF1 Arbitration 2
CAN Base + 0x94
IF2 Arbitration 2
CAN Base + 0x38
IF1 Message Control
CAN Base + 0x98
IF2 Message Control
CAN Base + 0x3C
IF1 Data A 1
CAN Base + 0x9C
IF2 Data A 1
CAN Base + 0x40
IF1 Data A 2
CAN Base + 0xA0
IF2 Data A 2
CAN Base + 0x44
IF1 Data B 1
CAN Base + 0xA4
IF2 Data B 1
CAN Base + 0x48
IF1 Data B 2
CAN Base + 0xA8
IF2 Data B 2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com