Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 233 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 233 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 229Page - STMicroelectronics STR720RBQ6 Datasheet HTML 230Page - STMicroelectronics STR720RBQ6 Datasheet HTML 231Page - STMicroelectronics STR720RBQ6 Datasheet HTML 232Page - STMicroelectronics STR720RBQ6 Datasheet HTML 233Page - STMicroelectronics STR720RBQ6 Datasheet HTML 234Page - STMicroelectronics STR720RBQ6 Datasheet HTML 235Page - STMicroelectronics STR720RBQ6 Datasheet HTML 236Page - STMicroelectronics STR720RBQ6 Datasheet HTML 237Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
233/401
Transmission Request Registers 1 & 2 (CAN_TxRnR)
Address Offset: 100h (CAN_TxR1R), 104h (CAN_TxR2R)
Reset Value: 0000 0000h
These registers hold the TxRqst bits of the 32 Message Objects. By reading the TxRqst bits,
the CPU can check which Message Object in a Transmission Request is pending. The TxRqst
bit of a specific Message Object can be set/reset by the application software through the IFn
Message Interface Registers or by the Message Handler after reception of a Remote Frame
or after a successful transmission.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
TxRqst[32:17]
r
15
14
13
12
11
10
987
6543
210
TxRqst[16:1]
r
Bits 31:16
TxRqst32-17 Transmission Request Bits (of all Message Objects)
0: This Message Object is not waiting for transmission.
1: The transmission of this Message Object is requested and is not yet done.
These bits are read only.
Bits 15:0
TxRqst16-1 Transmission Request Bits (of all Message Objects)
0: This Message Object is not waiting for transmission.
1: The transmission of this Message Object is requested and is not yet done.
These bits are read only.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com