Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 236 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 236 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 232Page - STMicroelectronics STR720RBQ6 Datasheet HTML 233Page - STMicroelectronics STR720RBQ6 Datasheet HTML 234Page - STMicroelectronics STR720RBQ6 Datasheet HTML 235Page - STMicroelectronics STR720RBQ6 Datasheet HTML 236Page - STMicroelectronics STR720RBQ6 Datasheet HTML 237Page - STMicroelectronics STR720RBQ6 Datasheet HTML 238Page - STMicroelectronics STR720RBQ6 Datasheet HTML 239Page - STMicroelectronics STR720RBQ6 Datasheet HTML 240Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
236/401
Message Valid Registers 1 & 2 (CAN_MVnR)
Address Offset: 160h (CAN_MV1R), 164h (CAN_MV2R)
Reset Value: 0000 0000h
These registers hold the MsgVal bits of the 32 Message Objects. By reading the MsgVal bits,
the application software can check which Message Object is valid. The MsgVal bit of a specific
Message Object can be set/reset by the application software via the IFn Message Interface
Registers.
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
MsgVal[32:17]
r
15
14
13
12
11
10
9
8765
432
10
MsgVal[16:1]
r
Bits 31:16
MsgVal32-17 Message Valid Bits (of all Message Objects)
0: This Message Object is ignored by the Message Handler.
1: This Message Object is configured and should be considered by the
Message Handler.
Bits 15:0
MsgVal16-1 Message Valid Bits (of all Message Objects)
0: This Message Object is ignored by the Message Handler.
1: This Message Object is configured and should be considered by the
Message Handler.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com