Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 242 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 242 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 238Page - STMicroelectronics STR720RBQ6 Datasheet HTML 239Page - STMicroelectronics STR720RBQ6 Datasheet HTML 240Page - STMicroelectronics STR720RBQ6 Datasheet HTML 241Page - STMicroelectronics STR720RBQ6 Datasheet HTML 242Page - STMicroelectronics STR720RBQ6 Datasheet HTML 243Page - STMicroelectronics STR720RBQ6 Datasheet HTML 244Page - STMicroelectronics STR720RBQ6 Datasheet HTML 245Page - STMicroelectronics STR720RBQ6 Datasheet HTML 246Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
242/401
After a partial write of a Message Object, the Message Buffer Registers that are not selected
in the Command Mask Register will set the actual contents of the selected Message Object.
After a partial read of a Message Object, the Message Buffer Registers that are not selected
in the Command Mask Register will be left unchanged.
18.7.2.2 Message Transmission
If the shift register of the CAN Core cell is ready for loading and if there is no data transfer
between the IFn Registers and Message RAM, the MsgVal bits in the Message Valid Register
and TxRqst bits in the Transmission Request Register are evaluated. The valid Message
Object with the highest priority pending transmission request is loaded into the shift register
by the Message Handler and the transmission is started. The NewDat bit of the Message
Object is reset.
After a successful transmission and also if no new data was written to the Message Object
(NewDat = ‘0’) since the start of the transmission, the TxRqst bit of the Message Control
register (CAN_IFn_MCR) will be reset. If TxIE bit of the Message Control register
(CAN_IFn_MCR) is set, IntPnd bit of the Interrupt Identifier register (CAN_IDR) will be set
after a successful transmission. If the CAN Peripheral has lost the arbitration or if an error
occurred during the transmission, the message will be retransmitted as soon as the CAN bus
is free again. Meanwhile, if the transmission of a message with higher priority has been
requested, the messages will be transmitted in the order of their priority.
18.7.2.3 Acceptance Filtering of Received Messages
When the arbitration and control field (Identifier + IDE + RTR + DLC) of an incoming message
is completely shifted into the Rx/Tx Shift Register of the CAN Core, the Message Handler
FSM starts the scanning of the Message RAM for a matching valid Message Object.
To scan the Message RAM for a matching Message Object, the Acceptance Filtering unit is
loaded with the arbitration bits from the CAN Core shift register. The arbitration and mask
fields (including MsgVal, UMask, NewDat, and EoB) of Message Object 1 are then loaded into
the Acceptance Filtering unit and compared with the arbitration field from the shift register.
This is repeated with each following Message Object until a matching Message Object is
found or until the end of the Message RAM is reached.
If a match occurs, the scan is stopped and the Message Handler FSM proceeds depending on
the type of frame (Data Frame or Remote Frame) received.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com