Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 243 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 243 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 239Page - STMicroelectronics STR720RBQ6 Datasheet HTML 240Page - STMicroelectronics STR720RBQ6 Datasheet HTML 241Page - STMicroelectronics STR720RBQ6 Datasheet HTML 242Page - STMicroelectronics STR720RBQ6 Datasheet HTML 243Page - STMicroelectronics STR720RBQ6 Datasheet HTML 244Page - STMicroelectronics STR720RBQ6 Datasheet HTML 245Page - STMicroelectronics STR720RBQ6 Datasheet HTML 246Page - STMicroelectronics STR720RBQ6 Datasheet HTML 247Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 401 page
background image
STR720 - CONTROLLER AREA NETWORK (CAN)
243/401
Reception of Data Frame
The Message Handler FSM stores the message from the CAN Core shift register into the
respective Message Object in the Message RAM. Not only the data bytes, but all arbitration
bits and the Data Length Code are stored in the corresponding Message Object. This is done
to keep the data bytes connected with the identifier even if arbitration mask registers are used.
The NewDat bit is set to indicate that new data (not yet seen by the CPU) has been received.
The application software should reset NewDat bit when the Message Object has been read. If
at the time of reception, the NewDat bit was already set, MsgLst is set to indicate that the
previous data (supposedly not seen by the CPU) is lost. If the RxIE bit is set, the IntPnd bit is
set, causing the Interrupt Register to point to this Message Object.
The TxRqst bit of this Message Object is reset to prevent the transmission of a Remote
Frame, while the requested Data Frame has just been received.
Reception of Remote Frame
When a Remote Frame is received, three different configurations of the matching Message
Object have to be considered:
1) Dir = ‘1’ (direction = transmit), RmtEn = ‘1’, UMask = ‘1’ or’0’
At the reception of a matching Remote Frame, the TxRqst bit of this Message Object is set.
The rest of the Message Object remains unchanged.
2) Dir = ‘1’ (direction = transmit), RmtEn = ‘0’, UMask =’0’
At the reception of a matching Remote Frame, the TxRqst bit of this Message Object remains
unchanged; the Remote Frame is ignored.
3) Dir = ‘1’ (direction = transmit), RmtEn = ‘0’, UMask =’1’
At the reception of a matching Remote Frame, the TxRqst bit of this Message Object is reset.
The arbitration and control field (Identifier + IDE + RTR + DLC) from the shift register is stored
in the Message Object of the Message RAM and the NewDat bit of this Message Object is set.
The data field of the Message Object remains unchanged; the Remote Frame is treated
similar to a received Data Frame.
18.7.2.4 Receive/Transmit Priority
The receive/transmit priority for the Message Objects is attached to the message number.
Message Object 1 has the highest priority, while Message Object 32 has the lowest priority. If
more than one transmission request is pending, they are serviced due to the priority of the
corresponding Message Object.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com