Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 281 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 281 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 277Page - STMicroelectronics STR720RBQ6 Datasheet HTML 278Page - STMicroelectronics STR720RBQ6 Datasheet HTML 279Page - STMicroelectronics STR720RBQ6 Datasheet HTML 280Page - STMicroelectronics STR720RBQ6 Datasheet HTML 281Page - STMicroelectronics STR720RBQ6 Datasheet HTML 282Page - STMicroelectronics STR720RBQ6 Datasheet HTML 283Page - STMicroelectronics STR720RBQ6 Datasheet HTML 284Page - STMicroelectronics STR720RBQ6 Datasheet HTML 285Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
281/401
Bit 10
RESETM: USB Reset Interrupt Mask
0: RESET Interrupt disabled.
1: RESET Interrupt enabled, an interrupt request is generated when the
corresponding bit in the USB_ISTR register is set.
Bit 9
SOFM: Start Of Frame Interrupt Mask
0: SOF Interrupt disabled.
1: SOF Interrupt enabled, an interrupt request is generated when the
corresponding bit in the USB_ISTR register is set.
Bit 8
ESOFM: Expected Start Of Frame Interrupt Mask
0: Expected Start of Frame (ESOF) Interrupt disabled.
1: ESOF Interrupt enabled, an interrupt request is generated when the
corresponding bit in the USB_ISTR register is set.
Bits 7:5
Reserved
These are reserved bits. These bits are always read as ‘0’ and must always be
written with ‘0’.
Bit 4
RESUME: Resume request
The microcontroller can set this bit to send a Resume signal to the host. It must
be activated, according to USB specifications, for no less than 1mS and no
more than 15mS after which the Host PC is ready to drive the resume
sequence up to its end.
Bit 3
FSUSP: Force suspend
Software must set this bit when the SUSP interrupt is received, which is issued
when no traffic is received by the USB Peripheral for 3 mS.
0: No effect.
1: Enter suspend mode. Clocks and static power dissipation in the analog
transceiver are left unaffected. If suspend power consumption is a requirement
(bus-powered device), the application software should set the LP_MODE bit
after FSUSP as explained below.
Bit 2
LP_MODE: Low-power mode
This mode is used when the suspend-mode power constraints require that all
static power dissipation is avoided, except the one required to supply the
external pull-up resistor. This condition should be entered when the application
is ready to stop all system clocks, or reduce their frequency in order to meet the
power consumption requirements of the USB suspend condition. The USB
activity during the suspend mode (WKUP event) asynchronously resets this bit
(it can also be reset by software).
0: No Low Power Mode.
1: Enter Low Power mode.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com