Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 283 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 283 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 279Page - STMicroelectronics STR720RBQ6 Datasheet HTML 280Page - STMicroelectronics STR720RBQ6 Datasheet HTML 281Page - STMicroelectronics STR720RBQ6 Datasheet HTML 282Page - STMicroelectronics STR720RBQ6 Datasheet HTML 283Page - STMicroelectronics STR720RBQ6 Datasheet HTML 284Page - STMicroelectronics STR720RBQ6 Datasheet HTML 285Page - STMicroelectronics STR720RBQ6 Datasheet HTML 286Page - STMicroelectronics STR720RBQ6 Datasheet HTML 287Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
283/401
USB Interrupt Status Register (USB_ISTR)
Address Offset: 44h
Reset Value: 0000 0000 0000 0000 (0000h)
This register contains the status of all the interrupt sources allowing application software to
determine, which events caused an interrupt request.
The upper part of this register contains single bits, each of them representing a specific event.
These bits are set by the hardware when the related event occurs; if the corresponding bit in
the USB_CNTR register is set, a generic interrupt request is generated. The interrupt routine,
examining each bit, will perform all necessary actions, and finally it will clear the serviced bits.
If any of them is not cleared, the interrupt is considered to be still pending, and the interrupt
line will be kept high again. If several bits are set simultaneously, only a single interrupt will be
generated.
Endpoint transaction completion can be handled in a different way to reduce interrupt
response latency. The CTR bit is set by the hardware as soon as an endpoint successfully
completes a transaction, generating a generic interrupt request if the corresponding bit in
USB_CNTR is set. An endpoint dedicated interrupt condition is activated independently from
the CTRM bit in the USB_CNTR register. Both interrupt conditions remain active until
software clears the pending bit in the corresponding USB_EPnR register (the CTR bit is
actually a read only bit). The USB Peripheral has two interrupt request lines:
•
Higher priority USB IRQ: The pending requests for endpoints, which have transactions
with a higher priority (isochronous and double-buffered bulk) and they cannot be masked.
•
Lower priority USB IRQ: All other interrupt conditions, which can either be non-maskable
pending requests related to the lower priority transactions and all other maskable events
flagged by the USB_ISTR high bytes.
For endpoint-related interrupts, the software can use the Direction of Transaction (DIR) and
EP_ID read-only bits to identify, which endpoint made the last interrupt request and called the
corresponding interrupt service routine.
The user can choose the relative priority of simultaneously pending USB_ISTR events by
specifying the order in which software checks USB_ISTR bits in an interrupt service routine.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
EP_ID[3:0]
r
rcrcrc
rcrc
rcrc
r
r
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com