Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 302 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 302 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 298Page - STMicroelectronics STR720RBQ6 Datasheet HTML 299Page - STMicroelectronics STR720RBQ6 Datasheet HTML 300Page - STMicroelectronics STR720RBQ6 Datasheet HTML 301Page - STMicroelectronics STR720RBQ6 Datasheet HTML 302Page - STMicroelectronics STR720RBQ6 Datasheet HTML 303Page - STMicroelectronics STR720RBQ6 Datasheet HTML 304Page - STMicroelectronics STR720RBQ6 Datasheet HTML 305Page - STMicroelectronics STR720RBQ6 Datasheet HTML 306Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 302 / 401 page
background image
STR720 - USB SLAVE INTERFACE (USB)
302/401
19.6.4
Register Map
A summary of the USB Peripheral registers is given in the following table.
Refer to Table 20 on page 49 for the base address..
Table 67. USB Peripheral Register Page Mapping
Offset
Register
15
14
13
12
11
10
9876543210
0x00
USB_EP0R
STAT
RX[1:0]
EP
TYPE[1:0]
STAT
TX[1:0]
EA[3:0]
0x04
USB_EP1R
STAT
RX[1:0]
EP
TYPE[1:0]
STAT
TX[1:0]
EA[3:0]
0x08
USB_EP2R
STAT
RX[1:0]
EP
TYPE[1:0]
STAT
TX[1:0]
EA[3:0]
0x0C
USB_EP3R
STAT
RX[1:0]
EP
TYPE[1:0]
STAT
TX[1:0]
EA[3:0]
0x10
USB_EP4R
STAT
RX[1:0]
EP
TYPE[1:0]
STAT
TX[1:0]
EA[3:0]
0x14
USB_EP5R
STAT
RX[1:0]
EP
TYPE[1:0]
STAT
TX[1:0]
EA[3:0]
0x18
USB_EP6R
STAT
RX[1:0]
EP
TYPE[1:0]
STAT
TX[1:0]
EA[3:0]
0x1C
USB_EP7R
STAT
RX[1:0]
EP
TYPE[1:0]
STAT
TX[1:0]
EA[3:0]
0x40
USB_CNTR
Reserved
0x44
USB_ISTR
Reserved
EP_ID[3:0]
0x48
USB_FNR
LSOF[1:0]
FN[10:0]
0x4C
USB_DADDR
Reserved
EF
ADD[6:0]
0x50
USB_BTABLE
BTABLE[15:3]
Reserved
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com