Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 304 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 304 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 300Page - STMicroelectronics STR720RBQ6 Datasheet HTML 301Page - STMicroelectronics STR720RBQ6 Datasheet HTML 302Page - STMicroelectronics STR720RBQ6 Datasheet HTML 303Page - STMicroelectronics STR720RBQ6 Datasheet HTML 304Page - STMicroelectronics STR720RBQ6 Datasheet HTML 305Page - STMicroelectronics STR720RBQ6 Datasheet HTML 306Page - STMicroelectronics STR720RBQ6 Datasheet HTML 307Page - STMicroelectronics STR720RBQ6 Datasheet HTML 308Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 304 / 401 page
background image
STR720 - WATCHDOG TIMER (WDG)
304/401
When it reaches the end of count value (0000h) an End of Count interrupt is generated (EC)
and the WDTVR value is automatically re-loaded. The Counter runs until the SC bit is cleared.
Setting SC bit again, both the Counter and the Prescaler are re-loaded with the values
contained in registers WDTVR and WDTPR respectively, so it does not restart from where it
was eventually stopped, but from a defined situation without need to reset and re-program the
module. It is clear that, on the other hand, it is not possible to change on fly the prescaling
factor since it will only effect the counter after a restart command (SC bit setting which
generates a re-load operation).
The clock input signal can be either the APB_CLK or an alternate clock signal, having at least
a period four times longer than the period of the APB clock. This can allow for example to
generate time basis independent from the APB clock which could dynamically change
according to the system mode setting (run mode, low power mode, etc.). This alternate clock
signal is derived from the RTC clock and is equal to CLK_AF divided by 8.
20.3.2
Watchdog mode
If WE bit of WDTCR register is written to ‘1’ by software, the peripheral enter in Watchdog
mode. This operating mode can not be changed by software (the SC bit has no effect and WE
bit cannot be cleared).
As the peripheral enters in this operating mode, the WDTVR value is loaded in the Counter
and the Counter starts counting down. When it reaches the end of count value (0000h) a
system reset signal is generated (SYS RST).
If the sequence of two consecutive values A55Ah, 5AA5h is written in the WDTKR register
see Section 20.4, the WDTVR value is re-loaded in the Counter, so the end of count can be
avoided.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com