Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 308 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 308 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 304Page - STMicroelectronics STR720RBQ6 Datasheet HTML 305Page - STMicroelectronics STR720RBQ6 Datasheet HTML 306Page - STMicroelectronics STR720RBQ6 Datasheet HTML 307Page - STMicroelectronics STR720RBQ6 Datasheet HTML 308Page - STMicroelectronics STR720RBQ6 Datasheet HTML 309Page - STMicroelectronics STR720RBQ6 Datasheet HTML 310Page - STMicroelectronics STR720RBQ6 Datasheet HTML 311Page - STMicroelectronics STR720RBQ6 Datasheet HTML 312Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 308 / 401 page
background image
STR720 - WATCHDOG TIMER (WDG)
308/401
WDT Key Register (WDTKR)
Address Offset: 18h
Reset value: 0000h
Bit 15:0 = K[15:0]: Key Value.
When Watchdog Mode is enabled, writing in this register the two consecutive values (A55Ah,
5AA5h) the Counter is initialized to TV[15:0] value and the Prescaler value in WTDPR register
take effect. Any number of instructions can be executed between the two writes.
If Watchdog Mode is disabled (WE = 0) a writing in this register has no effect.
The reading value of this register is 0000h.
20.4.1
Register Map
A summary of the WDG registers is given in the following table.
Refer to Table 20 on page 49 for the base address.
15
14
13
12
11
10
9
8
765432
1
0
K15
K14
K13
K12
K11
K10
K9
K8
K7
K6
K5
K4
K3
K2
K1
K0
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
rw
Table 68. Watchdog Timer Peripheral Register Map
Addr.
Offset
Register
Name
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
WDTCR
reserved
EE
SC
WE
4
WDTPR
reserved
PR(7:0)
8
WDTVR
TV(15:0)
C
WDTCNT
CNT(15:0)
10
WDTSR
reserved
EC
14
WDTMR
reserved
MEC
18
WDTKR
K[15:0]
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com