Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 327 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 327 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 323Page - STMicroelectronics STR720RBQ6 Datasheet HTML 324Page - STMicroelectronics STR720RBQ6 Datasheet HTML 325Page - STMicroelectronics STR720RBQ6 Datasheet HTML 326Page - STMicroelectronics STR720RBQ6 Datasheet HTML 327Page - STMicroelectronics STR720RBQ6 Datasheet HTML 328Page - STMicroelectronics STR720RBQ6 Datasheet HTML 329Page - STMicroelectronics STR720RBQ6 Datasheet HTML 330Page - STMicroelectronics STR720RBQ6 Datasheet HTML 331Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 327 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
327/401
Counter Register (CNTR)
Address Offset: 10h
Reset value: FFFCh
This is a 16-bit register that contains the counter value.
Control Register 1 (CR1)
Address Offset: 14h
Reset value: 0000h
Bit 15 = EN: Timer Count Enable
0: Timer counter is stopped.
1: Timer counter is enabled.
Bit 14 = PWMI: Pulse Width Modulation Input
0: PWM Input is not active.
1: PWM Input is active.
Bit 13:12 = Reserved. These bits must be always written to 0.
Bit 11 = FOLVB: Forced Output Compare B
0: No effect.
1: Forces OLVLB to be copied to the OCMPB pin.
Bit 10 = FOLVA: Forced Output Compare A
0: No effect.
1: Forces OLVLA to be copied to the OCMPA pin.
Bit 9 = OLVLB: Output Level B
This bit is copied to the OCMPB pin whenever a successful comparison occurs with the
OCBR register and OCBE is set in the CR2 register. This value is copied to the OCMPA pin in
One Pulse Mode and Pulse Width Modulation mode.
Bit 8= OLVLA: Output Level A
The OLVLA bit is copied to the OCMPA pin whenever a successful comparison occurs with
the OCAR register and the OCAE bit is set in the CR2 register.
15
14
13
12
11
10
9
8
765432
1
0
MSB
LSB
rrrrrr
r
r
rrrrr
r
r
r
15
14
13
12
11
10
9
8
765432
1
0
EN
PWMI
Reserved
FOLVB FOLVA
OLVLB
OLVLA
OCBE
OCAE
OPM
PWM
IEDGB
IEDGA
EXEDG ECKEN
rw
rw
-
rw
rw
rw
rw
rwrwrwrwrwrw
rw
rw
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com