Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 323 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 323 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 319Page - STMicroelectronics STR720RBQ6 Datasheet HTML 320Page - STMicroelectronics STR720RBQ6 Datasheet HTML 321Page - STMicroelectronics STR720RBQ6 Datasheet HTML 322Page - STMicroelectronics STR720RBQ6 Datasheet HTML 323Page - STMicroelectronics STR720RBQ6 Datasheet HTML 324Page - STMicroelectronics STR720RBQ6 Datasheet HTML 325Page - STMicroelectronics STR720RBQ6 Datasheet HTML 326Page - STMicroelectronics STR720RBQ6 Datasheet HTML 327Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
323/401
Figure 54. Pulse Width Modulation Mode Timing
COUNTER
34E2
FFFC FFFD FFFE
2ED0 2ED1 2ED2
34E2 FFFC
OLVLB
OLVLB
OLVLA
OCMPA
compare B
compare A
compare B
Note: OCAR = 2ED0h, OCBR = 34E2, OLVLA = 0, OLVLB = 1
COUNTER
000F
0010
FFFC
0010
FFFC
OLVLA
OLVLA
OLVLB
OCMPA
Note: OCAR = OCBR = 0010h, OLVLA = 1, OLVLB = 0
0010
FFFC
COUNTER
0003
0004
FFFC
OLVLA
OLVLB
OCMPA
Note: OCAR = FFFCh, OCBR = 0004h, OLVLA = 1, OLVLB = 0
0003
0004 FFFC
OLVLA
OLVLB
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com