Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 319 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 319 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 315Page - STMicroelectronics STR720RBQ6 Datasheet HTML 316Page - STMicroelectronics STR720RBQ6 Datasheet HTML 317Page - STMicroelectronics STR720RBQ6 Datasheet HTML 318Page - STMicroelectronics STR720RBQ6 Datasheet HTML 319Page - STMicroelectronics STR720RBQ6 Datasheet HTML 320Page - STMicroelectronics STR720RBQ6 Datasheet HTML 321Page - STMicroelectronics STR720RBQ6 Datasheet HTML 322Page - STMicroelectronics STR720RBQ6 Datasheet HTML 323Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
319/401
Then, on a valid event on the ICAPA pin, the counter is initialized to FFFCh and OLVLB bit is
loaded on the OCMPA pin after four clock period. When the value of the counter is equal to the
value of the contents of the OCAR register, the OLVLA bit is output on the OCMPA pin (See
Figure 52).
Note
– The OCFA bit cannot be set by hardware in one pulse mode but the OCFB bit can generate
an Output Compare interrupt.
– The ICFA bit is set when an active edge occurs and can generate an interrupt if the ICAIE
bit is set. The ICAR register will have the value FFFCh.
– When the Pulse Width Modulation (PWM) and One Pulse Mode (OPM) bits are both set with
FOLVA= 1, the OPM mode is the only active one, otherwise the PWM mode is the only active
one.
– Forced Compare B mode works in OPM
– Input Capture B function works in OPM
– When OCAR = FFFBh in OPM, then a pulse of width FFFFh is generated
– If event occurs on ICAPA again before the Counter reaches the value of OCAR, then the
Counter will be reset again and the pulse generated might be longer than expected as in
Figure 52.
– If a write operation is performed on the counter register before the Counter reaches the value
of OCAR, then the Counter will be reset again and the pulse generated might be longer than
expected.
– If a write operation is performed on the counter register after the Counter reaches the value
of OCAR, then there will have no effect on the waveform.
Figure 51. One Pulse Mode Cycle
event occurs
Counter is
initialized
to FFFCh
OCMPA = OLVLB
Counter
= OCAR
OCMPA = OLVLA
When
When
on ICAPA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com