Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 322 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 322 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 318Page - STMicroelectronics STR720RBQ6 Datasheet HTML 319Page - STMicroelectronics STR720RBQ6 Datasheet HTML 320Page - STMicroelectronics STR720RBQ6 Datasheet HTML 321Page - STMicroelectronics STR720RBQ6 Datasheet HTML 322Page - STMicroelectronics STR720RBQ6 Datasheet HTML 323Page - STMicroelectronics STR720RBQ6 Datasheet HTML 324Page - STMicroelectronics STR720RBQ6 Datasheet HTML 325Page - STMicroelectronics STR720RBQ6 Datasheet HTML 326Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 322 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
322/401
– When OCBR = OCAR, a square waveform with 50% duty cycle will be generated as in
Figure 54.
– When OCBR and OCAR are loaded with FFFC (the counter reset value) then a square wave-
form will be generated & the counter will remain stuck at FFFC. The period will be calculated
using the following formula:
– When OCAR is loaded with FFFC (the counter reset value) then the waveform will be gen-
erated as in Figure 54.
– When FOLVA bit is set and PWM bit is set, then PWM mode is the active one. But if FOLVB
bit is set then the OLVLB bit will appear on OCMPB (when OCBE bit = 1).
– When a write is performed on CNTR register in PWM mode, then the Counter will be reset
and the pulse-width/period of the waveform generated may not be as desired.
Period
t
CPU
PRESC
1
+
() OCBR 1
+
()
⋅⋅
=
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com