Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 316 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 316 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 312Page - STMicroelectronics STR720RBQ6 Datasheet HTML 313Page - STMicroelectronics STR720RBQ6 Datasheet HTML 314Page - STMicroelectronics STR720RBQ6 Datasheet HTML 315Page - STMicroelectronics STR720RBQ6 Datasheet HTML 316Page - STMicroelectronics STR720RBQ6 Datasheet HTML 317Page - STMicroelectronics STR720RBQ6 Datasheet HTML 318Page - STMicroelectronics STR720RBQ6 Datasheet HTML 319Page - STMicroelectronics STR720RBQ6 Datasheet HTML 320Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 316 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
316/401
21.3.4.1 Procedure
To use the output compare function, select the following in the CR1/CR2 registers:
– Set the OCiE bit if an output is needed then the OCMPi pin is dedicated to the output com-
pare i function.
– Select the timer clock (ECKGEN) and the prescaler division factor (CC7
÷CC0).
Select the following in the CR1/CR2 registers:
– Select the OLVLi bit to applied to the OCMPi pins after the match occurs.
– Set OCAIE (OCBIE) if only compare A (compare B) needs to generate an interrupt.
When match is found:
– OCFi bit is set.
– The OCMPi pin takes OLVLi bit value (OCMPi pin latch is forced low during reset and stays
low until valid compares change it to OLVLi level).
– A timer interrupt is generated if the OCAIE (or OCBIE) bit in CR2 register is set, the OCAR
(or OCBR) matches the timer counter (i.e. OCFA or OCFB is set).
Clearing the output compare interrupt request is done by a write access to the SR register
while the OCFi bit is cleared, 14-bit at ‘0’ for OCAR and 12-bit at ‘0’ for OCBR.
If the OCiE bit is not set, the OCMPi pin is at ‘0’ and the OLVLi bit will not appear when match
is found.
The value in the 16-bit OCiR register and the OLVLi bit should be changed after each
successful comparison in order to control an output waveform or establish a new elapsed
timeout.
The OCiR register value required for a specific timing application can be calculated using the
following formula:
Where:
∆t
= Desired output compare period (in seconds)
fAPB
= APB clock frequency
CC7
÷CC0
= Timer clock prescaler
∆ OCiR = ∆t * fAPB
(
CC7
÷CC0+1)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com