Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 313 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 313 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 309Page - STMicroelectronics STR720RBQ6 Datasheet HTML 310Page - STMicroelectronics STR720RBQ6 Datasheet HTML 311Page - STMicroelectronics STR720RBQ6 Datasheet HTML 312Page - STMicroelectronics STR720RBQ6 Datasheet HTML 313Page - STMicroelectronics STR720RBQ6 Datasheet HTML 314Page - STMicroelectronics STR720RBQ6 Datasheet HTML 315Page - STMicroelectronics STR720RBQ6 Datasheet HTML 316Page - STMicroelectronics STR720RBQ6 Datasheet HTML 317Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
313/401
According to particular device implementation, the external clock can be available on a
general purpose I/O pin as alternate function, this allows the Timer to count events
independently by the system clock (which could be prescaled or multiplied according to the
different run and low-power modes), generating regular time basis.
21.3.3
Input Capture
In this section, the index “i”, may be A or B.
The two input capture 16-bit registers (ICAR and ICBR) are used to latch the value of the
counter after a transition detected by the ICAPi pin (see Figure 47).
ICiR register are read-only registers.
The active transition is software programmable through the IEDGi bit of the Control Register
(CR1).
Timing resolution is one/two count of the counter: (fAPB/(CC7÷CC0+1)).
Figure 46. Counter Timing Diagram, internal clock divided by n
APB_CLK
INTERNAL RESET
TIMER STROBE
COUNTER REGISTER
OVERFLOW FLAG TOF
FFFC
FFFD
0000
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com