Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 314 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 314 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 310Page - STMicroelectronics STR720RBQ6 Datasheet HTML 311Page - STMicroelectronics STR720RBQ6 Datasheet HTML 312Page - STMicroelectronics STR720RBQ6 Datasheet HTML 313Page - STMicroelectronics STR720RBQ6 Datasheet HTML 314Page - STMicroelectronics STR720RBQ6 Datasheet HTML 315Page - STMicroelectronics STR720RBQ6 Datasheet HTML 316Page - STMicroelectronics STR720RBQ6 Datasheet HTML 317Page - STMicroelectronics STR720RBQ6 Datasheet HTML 318Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 401 page
background image
STR720 - EXTENDED FUNCTION TIMER (EFT)
314/401
21.3.3.1 Procedure
To use the input capture function select the following in the CR1 and CR2 registers:
– Select the timer clock source (ECKEN).
– Select the timer clock division factor (CC7
÷CC0) if internal clock is used.
– Select the edge of the active transition on the ICAPA pin with the IEDGA bit, if ICAPA is ac-
tive.
– Select the edge of the active transition on the ICAPB pin with the IEDGB bit, if ICAPB is ac-
tive.
– Set ICAIE (or ICBIE) when ICAPA (or ICAPB) is active, to generate an interrupt after an input
capture.
When an input capture occurs:
– ICFi bit is set.
– The ICiR register contains the value of the counter on the active transition on the ICAPi pin
(see Figure 48).
– A timer interrupt is generated if ICAIE is set (if only ICAPA is active) or ICBIE is set (if only
ICAPB is active); otherwise, the interrupt remains pending until concerned enable bits are
set.
Clearing the Input Capture interrupt request is done by:
1. A write access to the SR register while the ICFi bit is cleared, 15-bit at ‘0’ for ICAPA and
12-bit at ‘0’ for ICAPB.
Figure 47. Input Capture Block Diagram
ECKEN
16-BIT COUNTER
(Control Register 1) CR1 low byte
ICFB
ICFA
(Status Register) SR high byte
IEDG2
ICAPA
ICAPB
EDGE DETECT
CIRCUIT B
16-BIT
ICAR
ICBR
EDGE DETECT
CIRCUIT A
CC7-CC0
from CR2
IEDG1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com