Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 388 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 388 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 384Page - STMicroelectronics STR720RBQ6 Datasheet HTML 385Page - STMicroelectronics STR720RBQ6 Datasheet HTML 386Page - STMicroelectronics STR720RBQ6 Datasheet HTML 387Page - STMicroelectronics STR720RBQ6 Datasheet HTML 388Page - STMicroelectronics STR720RBQ6 Datasheet HTML 389Page - STMicroelectronics STR720RBQ6 Datasheet HTML 390Page - STMicroelectronics STR720RBQ6 Datasheet HTML 391Page - STMicroelectronics STR720RBQ6 Datasheet HTML 392Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 388 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
388/401
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
2.
Data based on design guidelines and validation, not tested in production.
1.
VDD(all) = 1.80 V ± 10%, VDD3(all) = 3.30 V ± 10%, TA = -40 / +85 °C unless otherwise specified.
2.
Data based on design guidelines and validation, not tested in production.
VOL
Low level output voltage
Measured with pull-up of
1.425 k
Ω to 3.6 V
0.0
-
0.3
V
VOH
High level output voltage
Measured with pull-down of
14.25 k
Ω to GND
2.8
-
3.6
V
VCRS
Output signal crossover volt-
age
Excluding the first transition
from Idle state
1.3
-
2.0
V
Table 104. USB Full-speed AC Characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min
Typ
Max
TFR
Rise Time
RS = 27 Ω, CL = 50 pF.
See Figure 78.
4
-
20
ns
TFF
Fall Time
RS = 27 Ω, CL = 50 pF.
See Figure 78.
4
-
20
ns
TFRFM
Differential rise and fall time
matching
(TFR / TFF) excluding the first
transition from Idle state
90
-
111.11
%
ZDRV
Driver output resistance(2)
RS = 27 Ω.
28
-
44
Ω
Figure 78. USB Data signal rise and fall time
Table 103. USB DC Characteristics
Symbol
Parameter
Test Conditions(1)
Value
Unit
Min
Typ
Max
Differential
Data Lines
TFR
TFF
Crossover
points
VCRS
VSS
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com