Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR720RBQ6 Datasheet(PDF) 390 Page - STMicroelectronics

Part # STR720RBQ6
Description  ARM720T 16/32-BIT MCU WITH 16K RAM, USB, CAN, 3 TIMERS, ADC, 6 COMMUNICATIONS INTERFACES
PDF  401 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR720RBQ6 Datasheet(HTML) 390 Page - STMicroelectronics

Back Button STR720RBQ6 Datasheet HTML 386Page - STMicroelectronics STR720RBQ6 Datasheet HTML 387Page - STMicroelectronics STR720RBQ6 Datasheet HTML 388Page - STMicroelectronics STR720RBQ6 Datasheet HTML 389Page - STMicroelectronics STR720RBQ6 Datasheet HTML 390Page - STMicroelectronics STR720RBQ6 Datasheet HTML 391Page - STMicroelectronics STR720RBQ6 Datasheet HTML 392Page - STMicroelectronics STR720RBQ6 Datasheet HTML 393Page - STMicroelectronics STR720RBQ6 Datasheet HTML 394Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 401 page
background image
STR720 - ELECTRICAL CHARACTERISTICS
390/401
Here you can find an equivalent circuit of ADC input pin modeling the behaviour during the
sampling phase.
Just after the sampling phase is over, the charge on pin capacitors has to be restored by the
signal voltage source. This can be modeled as a current requested by ADC input pin
depending on the frequency with which the pin is sampled by ADC (which is not the signal
sampling frequency due to the oversampling architecture of Sigma-Delta converters).
Equivalent input circuit modeling this aspect can be depicted as illustrated in Figure 80.
Figure 79. ADC input pin equivalent circuit during sampling
Figure 80. ADC input pin equivalent circuit
RF
CF
RS
RL
RSW
CP2
CS
VDD
Sampling
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
RS
Source Impedance
RF
Filter Resistance
CF
Filter Capacitance
RL
Current Limiter Resistance
RSW Channel Selection Switch Impedance
RAD
Sampling Switch Impedance
CP
Pin Capacitance (two contributions, CP1 and CP2)
CS
Sampling Capacitance
CP1
RAD
Channel
Selection
VA
RF
CF
RS
RL
RIN
VCM
Source
Filter
Current Limiter
EXTERNAL CIRCUIT
INTERNAL CIRCUIT SCHEME
RIN
Equivalent input resistance
VCM
Common mode voltage
VA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com