Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBPV..C Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # SMBPV..C
Description  PVD Series Parts Verification Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPV..C Datasheet(HTML) 4 Page - Banner Engineering Corp.

  SMBPV..C Datasheet HTML 1Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 2Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 3Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 4Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 5Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 6Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 7Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Cover Removal
Cover Replacement
Insert a fingernail or small screwdriver into
the slot; apply gentle pressure, angling
away from the sensor lens. The cover will
remain tethered to the sensor housing.
To replace the switch cover, align one edge of the cover with the edge of the sensor
housing opening. Then press the front corners into place.
The switches determine four status operating modes:
PVD Configuration DIP Switch Settings
The factory default setting is ON for all switches
Switch
Condition
1 2 3 4
O
F
F
O
N
ON
OFF
Example Shown:
Switch #1
OFF
Switch #2
ON
Switch #3
OFF
Switch #4
ON
Figure 6. Configuration DIP switch setting positions
1
ON = PNP output
OFF = NPN output
2
ON = Normally Open
OFF = Normally Closed
3
ON = Job light steady
OFF = Job light flashes
4
Job light control input: Connect the white wire as follows:
PNP Output
ON = Job light ON for +10 to 30V dc (29kΩ input impedance)
OFF = Job light ON for 0 to 1.5V dc/open circuit
NPN Output
ON = Job light ON for +10 to 30V dc/open circuit
OFF = Job light ON for 0 to 1.5V dc (10kΩ input impedance)
Status Indicators/Troubleshooting
Indicator
Condition
Description
Status Indicators
#1
Steady
Yellow
Output is active (Changing Switch #2 to N.C. turns the yellow
indicator ON when the system is clear)
MODE
Status Indicator #1
Status Indicator #2
OFF
Output is inactive (Changing Switch #2 to N.O. turns the
yellow indicator ON when the system is blocked)
#2
Steady
Green
Power is ON and system is OK
Flashing
Green
Blanking is enabled
OFF
Power is OFF
PVD Series Parts Verification Sensor
4
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 113230 Rev. G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com