Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBPV..C Datasheet(PDF) 6 Page - Banner Engineering Corp.

Part # SMBPV..C
Description  PVD Series Parts Verification Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPV..C Datasheet(HTML) 6 Page - Banner Engineering Corp.

  SMBPV..C Datasheet HTML 1Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 2Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 3Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 4Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 5Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 6Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 7Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Dimensions
MODE
MODE
266.4 mm
(10.49")
258.6 mm
(10.19")
71.8 mm
(2.83")
43.2 mm
(1.70")
4 x ø4.45 mm
(0.175")
15.0 mm
(0.59")
30.0 mm
(1.18")
Cable
18.0 mm
(0.71")
137.8 mm
(5.43")
130.0 mm
(5.12")
3.9 mm
(0.15")
3.9 mm
(0.15")
4 x ø4.45 mm
(0.175")
18.0 mm
(0.71")
21.1 mm
(0.83")
22.1 mm
(0.83")
29.2 mm
(1.15")
29.2 mm
(1.15")
Minimum Object Detection Zone
Minimum Object Detection Zone
1.4 mm
(0.06")
SMBPVA1 Standard Bracket (2 Included with PVD)
Hardware Included with Each Sensor (kit part
number 50532)
40.6 mm
(1.60")
6.0 mm
(0.24")
6.0 mm
(0.24")
20.1 mm
(0.79")
18.0 mm
(0.71")
4 x ø4.6 mm
(0.18")
6.1 mm
(0.24")
2.0 mm
(0.08")
4 x R2.54
(0.10")
10.2 mm
(0.40")
10.2 mm
(0.40")
5.0 mm
(0.20")
5.0 mm
(0.20")
2 x 4.8 mm
(0.19")
22.9 mm
(0.90")
Qty
Description
4
Stainless steel Phillips panhead machine screws
(M4 x 0.7 x 12)
2
Stainless steel Phillips panhead machine screws
(M4 x 0.7 x 6)
2
Stainless steel Phillips panhead machine screws
(M4 x 0.7 x 18)
4
Stainless steel hex nuts (M4 x 0.7)
4
Stainless steel lock washers (M4 x 0.7)
1
Plastic screwdriver (3.6 cm/1.4 in long)
PVD Series Parts Verification Sensor
6
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 113230 Rev. G



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com