Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBPV..C Datasheet(PDF) 8 Page - Banner Engineering Corp.

Part # SMBPV..C
Description  PVD Series Parts Verification Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPV..C Datasheet(HTML) 8 Page - Banner Engineering Corp.

  SMBPV..C Datasheet HTML 1Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 2Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 3Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 4Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 5Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 6Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 7Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
SMBPVA8
•
Heavy-duty 2-part bracket
mounts to 28 mm (1.1 in)
diameter pipe
•
Cold-rolled steel with zinc
finish
•
Requires SMBPVA..C for
mounting
A=ø 30.5, B=ø 7.1
65
33
A
B
SMBPVA9
•
Pair of two-piece swivel
brackets
•
Mount directly to sensor or to
PVD or PVA protective
brackets
•
Designed for mounting
sensor to "look down"
SMBPVD..A & SMBPVD..AB
•
Heavy-duty protection brackets
•
Some models include DIP-switch
access port
•
Cold-rolled steel with zinc finish
•
May be used with SMBPVA..C for
mounting to SMBPVA7 or SMBPVA8
brackets
L
35.7 mm
(1.40 in.)
21.2 mm
(0.83 in.)
21.2 mm
(0.83 in.)
L
35.7 mm
(1.40 in.)
Models with DIP
Switch Access Port
Models with No DIP
Switch Access
L
SMBPVD100A
SMBPVD100AB
140 mm (5.5 in)
SMBPVD225A
SMBPVD225AB
269 mm (10.6 in)
SMBPV..C
•
Back-mounted bracket for
mounting to SMBPVA7 or
SMBPVA8 brackets
•
Cold-rolled steel with zinc
finish
16
6 x Ø4.8
4 x Ø5.2
2 x Ø7.3
41
L
Model
L
SMBPVA5C
170.0 mm
SMBPVA10C
298.5 mm
Retroreflective Tape
Model
Reflectivity Factor
Maximum Temperature
Size
BRT-THG-1-100
0.7
+60 °C (+140 °F)
25 mm (1 in) wide, 2.5 m (100 in) long
BRT-THG-2-100
0.7
+60 °C (+140 °F)
50 mm (2 in) wide, 2.5 m (100 in) long
BRT-THG-3-100
0.7
+60 °C (+140 °F)
75 mm (3 in) wide, 2.5 m (100 in) long
Banner Engineering Corp. Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following the date of shipment. Banner Engineering Corp. will repair or replace, free
of charge, any product of its manufacture which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty does not cover damage or liability
for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF
MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR
ANY OTHER PERSON OR ENTITY FOR ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR SPECIAL DAMAGES RESULTING FROM
ANY PRODUCT DEFECT OR FROM THE USE OR INABILITY TO USE THE PRODUCT, WHETHER ARISING IN CONTRACT OR WARRANTY, STATUTE, TORT, STRICT LIABILITY,
NEGLIGENCE, OR OTHERWISE.
Banner Engineering Corp. reserves the right to change, modify or improve the design of the product without assuming any obligations or liabilities relating to any product previously manufactured by
Banner Engineering Corp.
Copyright Notice
Any misuse, abuse, or improper application or installation of this product or use of the product for personal protection applications when the product is identified as not intended for such purposes
will void the product warranty. Any modifications to this product without prior express approval by Banner Engineering Corp will void the product warranties. All specifications published in this
document are subject to change; Banner reserves the right to modify product specifications or update documentation at any time. For the most recent version of any documentation, refer to:
www.bannerengineering.com. © Banner Engineering Corp. All rights reserved.
PVD Series Parts Verification Sensor
www.bannerengineering.com - Tel: +1-763-544-3164



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com