Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBPV..C Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # SMBPV..C
Description  PVD Series Parts Verification Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPV..C Datasheet(HTML) 5 Page - Banner Engineering Corp.

  SMBPV..C Datasheet HTML 1Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 2Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 3Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 4Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 5Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 6Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 7Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Specifications
Supply Voltage and Current
Input Voltage: 12 V dc to 30 V dc (10% maximum ripple at 10% duty cycle)
Input Current: less than 88 mA at 12 V dc, less than 75 mA at 24 V dc and less
than 72 mA at 30 V dc (exclusive of load)
Supply Protection Circuitry
Protected against reverse polarity and transient overvoltages
Sensing Beam
Visible red, 630 nm
Sensing Range
Retroreflective applications: 2 m (6.5 ft) using 25 mm (1 in) wide
retroreflective tape
Diffuse applications: 400 mm (15.7 in) with 18% reflectivity gray card target
Sensing Height
4-channel models: 111 mm (4.4 in)
8-channel models: 240 mm (9.4 in)
Beam Spacing
28.6 mm (1.125 in)
Output Configuration
User-selectable via DIP switch:
1 open-collector PNP (current sourcing) or 1 open-collector NPN (current sinking)
Output Rating
150 mA maximum
OFF-state leakage current: less than 10 microamps
ON-state saturation voltage: NPN — less than 1 V dc at 150 mA; PNP — less than
2 V dc at 150 mA
Required Overcurrent Protection
WARNING: Electrical connections must be made
by qualified personnel in accordance with local and
national electrical codes and regulations.
Overcurrent protection is required to be provided by end product application per
the supplied table.
Overcurrent protection may be provided with external fusing or via Current
Limiting, Class 2 Power Supply.
Supply wiring leads < 24 AWG shall not be spliced.
For additional product support, go to http://www.bannerengineering.com.
Supply Wiring (AWG)
Required Overcurrent Protection (Amps)
20
5.0
22
3.0
24
2.0
26
1.0
28
0.8
30
0.5
Output Protection
Protected against false pulse on power-up and short circuit of outputs
Output Response Time
400 ms (includes standard 100 ms ON-delay and 100 ms OFF-delay)
Delay at Power-Up
Less than 1.0 second
Sensing Resolution
See Dimensions on page 6 for Minimum Object Detection Zone
Retroreflective: 51 mm at 406 mm range, 100 mm at 2 m (2.0 in dia. at 16 in
range, 3.9 in at 6.5 ft); see Figure 2 on page 2
Diffuse: 55 mm dia. at 400 mm range (2.16 in at 15.7 in range)
Indicators
Green LED: Power ON/OFF
Yellow LED: Output ON/OFF
Job Light (Diffused Green LED): Turned ON and OFF by applying an external
signal to the Job input (white wire). The job lights will be active high or active
low, depending on DIP switch 4 selection.
Error Light (Diffused Red LED): Turned ON and OFF by detection of an output
event when job light is not ON.
Indicator Light Lumens
Light Function
Color
Typical Wavelength
Typical Intensity (lm)
Job Light
Green
525 nm
12
Error Light
Red
625 nm
2.5
Adjustments
4 DIP switches, located behind access panel (default setting is ON position)
Construction
Black painted aluminum housing; acrylic lenses; thermoplastic polyester end
caps; thermoplastic elastomer programming switch cover; stainless steel
mounting brackets and hardware
Connections
5-conductor PVC-jacketed 2 m (6.5 ft) cable which is either unterminated or
terminated with a 5-pin Euro-style quick-disconnect connector, depending on
model. Cable diameter is 3.3 mm (0.13 in).
Environmental Rating
NEMA 2; IEC IEC IP62
Operating Conditions
Temperature: 0 °C to +50 °C (+32 °F to +122 °F)
Humidity: 90% at +50 °C maximum relative humidity (non-condensing)
Certifications
PVD Series Parts Verification Sensor
P/N 113230 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com