Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMBPV..C Datasheet(PDF) 3 Page - Banner Engineering Corp.

Part # SMBPV..C
Description  PVD Series Parts Verification Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SMBPV..C Datasheet(HTML) 3 Page - Banner Engineering Corp.

  SMBPV..C Datasheet HTML 1Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 2Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 3Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 4Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 5Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 6Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 7Page - Banner Engineering Corp. SMBPV..C Datasheet HTML 8Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Mounting
The wide beam pattern of PVD sensors simplifies their alignment. M4 stainless steel fasteners and
two stainless steel brackets are included with each sensor.
Mount the sensor and its reflector, if used, parallel to one another in the same plane, and their tops
and bottoms aligned.
1. From a common point of reference, make measurements to locate the sensor and its
reflector, if used, in the same plane with their midpoints directly opposite each other.
2. Mount the included brackets to the top and bottom of each sensor, as shown.
3. Mount the sensor in its brackets and the reflector, if used, being careful to position the
sensor's red lenses directly facing the reflector.
4. Measure from one or more reference planes (for example, the building or bin floor) to the
same point(s) on the emitter and receiver to verify their mechanical alignment. (If the
sensors/reflectors are mounted exactly vertical or horizontal, a carpenter’s level may be
helpful. A straightedge or a string extended between the sensor and the bin wall may also
be helpful.)
5. Also check “by eye” for line-of-sight alignment.
6. Make any necessary final mechanical adjustments, and hand-tighten the bracket hardware.
7. After the electrical hookup is complete, check for beam alignment. If necessary, re-align the
emitter and receiver at that time.
Figure 5. PVD Mounting
Hardware
Wiring
All models feature integral 2 m (6.5 ft) long, 3.3 mm (0.13 inch) diameter PVC-jacketed cables. Models whose model numbers end in “Q”
are terminated with quick-disconnect (QD) Euro-style 5-pin connectors; other models have unterminated ends. Optional mating QD cables
are available. Either 4-pin or 5-pin QD cables may be used; the center pin of a 5-pin cable (gray wire, pin 5) is unused in normal operation.
Wiring is functionally identical for cabled and quick-disconnect models.
NPN (Sinking) Output
PNP (Sourcing) Output
Key
Job Light Control
Not Used
2
5
12-30V dc
–
+
1
3
4
Load
12-30V dc
Job Light Control
Not Used
–
+
1
3
2
4
5
Load
1 = Brown
2 = White
3 = Blue
4 = Black
5 = Gray
See Configuration on page 3 for job light control input requirements.
Configuration
To configure the PVD, set the DIP switches as shown, using the supplied plastic screwdriver to avoid damaging the switches or causing a
short circuit.
Cover Removal
Cover Replacement
PVD Series Parts Verification Sensor
P/N 113230 Rev. G
www.bannerengineering.com - Tel: +1-763-544-3164
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com