Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3301 Datasheet(HTML) 3 Page - Texas Instruments

  AMC3301 Datasheet HTML 1Page - Texas Instruments AMC3301 Datasheet HTML 2Page - Texas Instruments AMC3301 Datasheet HTML 3Page - Texas Instruments AMC3301 Datasheet HTML 4Page - Texas Instruments AMC3301 Datasheet HTML 5Page - Texas Instruments AMC3301 Datasheet HTML 6Page - Texas Instruments AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
AMC3301
www.ti.com
SBAS917 – AUGUST 2019
Product Folder Links: AMC3301
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
DWE Package
16-Pin SOIC
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
DCDCout
—
Secondary-side output of the isolated DC/DC converter, connect to HLDOin. See the Power
Supply Recommendations section for power-supply decoupling recommendations.
2
DCDChgnd
—
Secondary-side ground reference for the isolated DC/DC converter. Connect to HGND pin.
3
HLDOin
—
Input of the secondary-side LDO, connect to DCDCout. See the Power Supply
Recommendations section for power-supply decoupling recommendations.
4, 14
NU
—
Leave these terminals unconnected (floating)
5
HLDOout
—
Output of the secondary-side LDO. See the Power Supply Recommendations section for
power-supply decoupling recommendations.
6
INP
I
Noninverting analog input
7
INN
I
Inverting analog input
8
HGND
—
High-side analog ground. Connect to one of analog input pins close to avoid common-mode
input voltage range violations.
9
GND
—
Low-side analog ground. Connect to DCDCgnd pin.
10
OUTN
O
Inverting analog output
11
OUTP
O
Noninverting analog output
12
VDD
—
Low-side power supply, 3.0 V to 5.5 V. See the Power Supply Recommendations section for
power-supply decoupling recommendations.
13
LDOout
—
Output of the primary-side LDO, connect to DCDCin. See the Power Supply
Recommendations section for power-supply decoupling recommendations.
15
DCDCgnd
—
Primary-side ground reference for the isolated DC/DC converter. Connect to GND pin.
16
DCDCin
—
Primary-side input of the isolated dc/dc converter, connect to LDOout. See the Power Supply
Recommendations section for power-supply decoupling recommendations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com