Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3301 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 9Page - Texas Instruments AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments AMC3301 Datasheet HTML 12Page - Texas Instruments AMC3301 Datasheet HTML 13Page - Texas Instruments AMC3301 Datasheet HTML 14Page - Texas Instruments AMC3301 Datasheet HTML 15Page - Texas Instruments AMC3301 Datasheet HTML 16Page - Texas Instruments AMC3301 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
13
AMC3301
www.ti.com
SBAS917 – AUGUST 2019
Product Folder Links: AMC3301
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
7.3.3 Isolated DC/DC Converter
The AMC3301 offers a fully integrated isolated DC/DC converter stage that includes following components that
are shown in the Functional Block Diagram section:
•
A low-dropout regulator (LDO) on the primary side to stabilize the supply voltage VDD that drives the primary
side of the converter
•
Primary full-bridge inverter and drivers
•
Laminate-based, air-core transformer for high immunity to magnetic fields
•
Secondary full-bridge rectifier
•
Secondary LDO to stabilize the output voltage of the DC/DC converter for high analog performance of the
signal path
The DC/DC converter utilizes spread-spectrum clock generation technique to reduce the spectral density of the
electromagnetic radiation. The resonator frequency is synchronous to the operation of the ΔΣ modulator to
minimize the interference and support the high analog performance of the device.
The architecture of the DC/DC converter is optimized to drive the high-side circuitry of the AMC3301 (fully-
differential gain stage, modulator etc.) and to offer additional current for optional auxiliary circuit (i.e. active fllter
or pre-amplifier) called IH as specified in the Electrical Characteristics table.
7.3.4 Fail-Safe Output
The AMC3301 offers a fail-safe output that simplifies diagnostics on system level. The fail-safe output is active in
two cases:
•
When the integrated DC/DC converter doesn't deliver the required supply voltage on the secondary side of
the device, or
•
When the common-mode input voltage, that is VCM = (INP + INN) / 2, exceeds the minimum common-mode
over-voltage detection level VCMov.
Figure 7 and Figure 8 show the fail-safe output of the AMC3301 that is a negative differential output voltage
value that does not occur under normal device operation. As a reference value for the fail-safe detection on a
system level, use the VFAILSAFE voltage as specified in the Electrical Characteristics.
Figure 7. Typical Negative Clipping Output of the
AMC3301
Figure 8. Typical Failsafe Output of the AMC3301
7.4 Device Functional Modes
The AMC3301 is operational when the power supply VDD is applied, as specified in Recommended Operating
Conditions table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com