Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3301 Datasheet(HTML) 11 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments AMC3301 Datasheet HTML 12Page - Texas Instruments AMC3301 Datasheet HTML 13Page - Texas Instruments AMC3301 Datasheet HTML 14Page - Texas Instruments AMC3301 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
4
th order
active
low-pass
filter
Isolation
Barrier
OUTP
OUTN
HLDOout
AMC3301
RX
GND
Bandgap
Reference
Oscillator
INP
INN
VCM, AVDD
Diagnostic
û Modulator
VDD
DCDCout
Resonator
and
Driver
LDO
Rectifier
TX
HGND
LDOout
DCDCin
DCDCgnd
TX
RX
Diagnostics
Bandgap
Reference
LDO
DCDChgnd
HLDOin
11
AMC3301
www.ti.com
SBAS917 – AUGUST 2019
Product Folder Links: AMC3301
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
7 Detailed Description
7.1 Overview
The AMC3301 is a fully-differential, precision, isolated amplifier with fully integrated DC/DC converter that allows
to supply the device from a single 3.3-V or 5-V voltage supply source on the low-side. The input stage of the
device consists of a fully-differential amplifier that drives a second-order, delta-sigma (ΔΣ) modulator. The
modulator uses the internal voltage reference and clock generator to convert the analog input signal to a digital
bitstream. The drivers (called TX in the Functional Block Diagram) transfer the output of the modulator across the
isolation barrier that separates the high-side and low-side voltage domains. The received bitstream and clock are
synchronized and processed by a fourth-order analog filter on the low-side and presented as a differential output
of the device, as shown in the Functional Block Diagram.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Analog Input
The differential amplifier input stage of the AMC3301 feeds a second-order, switched-capacitor, feed-forward ΔΣ
modulator. The gain of the differential amplifier is set by internal precision resistors to a factor of 4 with a
differential input impedance of 22 kΩ. The modulator converts the analog signal into a bitstream that is
transferred over the isolation barrier, as described in the Data Isolation Channel Signal Transmission section.
There are two restrictions on the analog input signals (INP and INN). First, if the input voltage exceeds the range
HGND – 6 V to HLDOout + 0.5 V, the input current must be limited to 10 mA because the device input
electrostatic discharge (ESD) diodes turns on. In addition, the linearity and noise performance of the device are
ensured only when the analog input voltage remains within the specified linear full-scale range (FSR) and within
the specified common-mode input voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com