Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3301 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 3Page - Texas Instruments AMC3301 Datasheet HTML 4Page - Texas Instruments AMC3301 Datasheet HTML 5Page - Texas Instruments AMC3301 Datasheet HTML 6Page - Texas Instruments AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7
AMC3301
www.ti.com
SBAS917 – AUGUST 2019
Product Folder Links: AMC3301
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.7 Safety-Related Certifications
VDE
UL
Certified according to DIN VDE V 0884-11 (VDE V 0884-11): 2017-01,
DIN EN 60950-1 (VDE 0805 Teil 1): 2014-08, and
DIN EN 60065 (VDE 0860): 2005-11
Recognized under 1577 component recognition and
CSA component acceptance NO 5 programs
Reinforced insulation
Single protection
Certificate planned
Certificate planned
(1)
The maximum safety temperature, TS, has the same value as the maximum junction temperature, TJ, specified for the device. The IS
and PS parameters represent the safety current and safety power, respectively. Do not exceed the maximum limits of IS and PS. These
limits vary with the ambient temperature, TA.
The junction-to-air thermal resistance, RθJA, in the Thermal Information table is that of a device installed on a high-K test board for
leaded surface-mount packages. Use these equations to calculate the value for each parameter:
TJ = TA + RθJA × P, where P is the power dissipated in the device.
TJ(max) = TS = TA + RθJA × PS, where TJ(max) is the maximum junction temperature.
PS = IS × VDDmax, where VDDmax is the maximum low-side voltage.
6.8 Safety Limiting Values
Safety limiting
(1) intends to minimize potential damage to the isolation barrier upon failure of input or output circuitry. A failure
ofthe I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to
overheatthe die and damage the isolation barrier potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply current
RθJA = 73.5°C/W, VDD = 5.5 V, TJ =
150°C, TA = 25°C, see Figure 2
309
mA
IS
Safety input, output, or supply current
RθJA = 73.5°C/W, VDD = 3.6 V, TJ =
150°C, TA = 25°C, see Figure 2
472
mA
PS
Safety input, output, or total power
RθJA = 73.5°C/W, TJ = 150°C, TA = 25°C,
see Figure 3
1700
mW
TS
Maximum safety temperature
150
°C
(1)
The typical value includes one sigma statistical variation.
(2)
The typical value is at VDD1 = 3.3 V.
(3)
Also see the Analog Input section for more details.
6.9 Electrical Characteristics
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD = 3.0 V to 5.5 V, INP = –250 mV to +250 mV,
and INN = HGND = 0V; typical specifications are at TA = 25°C, and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG INPUT
VCMov
Common-mode overvoltage detection
level
(VINP + VINN) / 2 to HGND
1
V
Hysteresis of common-mode overvoltage
detection level
94
mV
VOS
Input offset voltage (1)
Initial, at TA = 25°C, INP = INN =
HGND (2)
–0.2
±0.03
0.2
mV
TCVOS
Input offset drift (1)
–5
±1.5
5
uV/°C
CMRR
Common-mode rejection ratio
fIN = 0 Hz, VCM min ≤ VCM ≤ VCM max
–100
dB
fIN = 10 kHz, VCM min ≤ VCM ≤ VCM max
–98
PSRR
Power-supply rejection ratio
At dc
–103
dB
100-mV and 10-kHz ripple
–86
CIN
Single-ended input capacitance (3)
INN = HGND, fIN = 310 kHz
2
pF
CIND
Differential input capacitance (3)
fIN = 310 kHz
1
RIN
Single-ended input resistance (3)
INN = HGND
18
kΩ
RIND
Differential input resistance (3)
21
IIB
Input bias current
INP = INN = HGND; IIB = (IIBP + IIBN) / 2
–41
–30
–24
uA
TCIIB
Input bias current drift
±1
nA/°C
IIO
Input offset current
IIO = IIBP – IIBN
±5
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com