Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3301 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AMC3301
Description  AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AMC3301 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AMC3301 Datasheet HTML 4Page - Texas Instruments AMC3301 Datasheet HTML 5Page - Texas Instruments AMC3301 Datasheet HTML 6Page - Texas Instruments AMC3301 Datasheet HTML 7Page - Texas Instruments AMC3301 Datasheet HTML 8Page - Texas Instruments AMC3301 Datasheet HTML 9Page - Texas Instruments AMC3301 Datasheet HTML 10Page - Texas Instruments AMC3301 Datasheet HTML 11Page - Texas Instruments AMC3301 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
AMC3301
SBAS917 – AUGUST 2019
www.ti.com
Product Folder Links: AMC3301
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
minimum and maximum specifications apply from TA = –40°C to +125°C, VDD = 3.0 V to 5.5 V, INP = –250 mV to +250 mV,
and INN = HGND = 0V; typical specifications are at TA = 25°C, and VDD = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ANALOG OUTPUT
Nominal gain
8.2
EG
Gain error (1)
Initial, at TA = 25°C
–0.4
±0.1
0.4
%
TCEG
Gain error drift(1)
–60
±20
60
ppm/°C
Nonlinearity(1)
–0.075
±0.03
0.075
%
Nonlinearity drift
±1
ppm/°C
THD
Total harmonic distortion
VIN = 0.5 Vpp, fIN = 10 kHz,
BW = 100 kHz
–85
dB
Output noise
INP = INN = HGND, fIN = 0 Hz,
BW = 100 kHz
220
mVRMS
SNR
Signal-to-noise ratio
VIN = 0.5 VPP, fIN = 1 kHz, BW = 10 kHz
80
85
dB
VIN = 0.5 VPP, fIN = 10 kHz,
BW = 100 kHz
72
VCMout
Common-mode output voltage
1.39
1.44
1.49
V
VFailsafe
Failsafe differential output voltage
VCM ≥ VCMov, or VDCDCout ≤ VDCDCoutUV,
or VHLDOout ≤ VHLDOoutUV
–2.6
–2.5
V
BWOUT
Output bandwidth
250
310
kHz
ROUT
Output resistance
On OUTP or OUTN
< 0.2
Ω
Output short-circuit current
On OUTP or OUTN
±14
mA
CMTI
Common-mode transient immunity
|HGND – GND| = 2 kV
75
140
kV/µs
POWER SUPPLY
IDD
Low-side supply current
4.5 V
≤ VDD ≤ 5.5 V
28.5
31
mA
3.0 V
≤ VDD ≤ 3.6 V
27.5
30
mA
VDCDCout DCDC output voltage
DCDCout to HGND
3.3
3.6
4.2
V
VDCDCUV
DCDC output undervoltage detection
threshold voltage
DCDC output falling
2
2.25
V
VHLDOout
High-side LDO output voltage
HLDO to HGND
3
3.2
3.4
V
VHLDOUV
High-side LDO output undervoltage
detection threshold voltage
HLDO output falling
2.4
2.6
V
IH
High-side supply current for auxiliary
circuitry
additional current available on DCDCout
or HLDOout to HGND
1
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com