Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT032DNAFWD Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT032DNAFWD
Description  LCD Module User Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT032DNAFWD Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT032DNAFWD Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TOPWAY
LCD Module User Manual
LMT032DNAFWD
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT032DNAFWD-Manual-Rev0.1
Page: 4 of 17
3. Terminal Functions
3.1
Interface
Pin
No.
Pin
Name
I/O
Descriptions
1
/RES
I
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running.
2
/CS
I
Chip Select
/CS=L, enable access to the LCD interface
/CS=H, disable access to the LCD interface
3
D/C
I
Register Select
D/C = H, Transferring the Display Data
D/C = L, Transferring the Control Data
4
FMARK
O
Display Timing Frame Signal
5
/WR
I
/WR=LH, /RD=H;
Data or Instruction latch into the LCD module
6
D1
I
Data Input
7
D2
8
D4
9
D5
10
D6
11
D7
12
D0
13
D3
14
/RD
I
/WR=H,/ RD=L;
Data or Status read form the LCD module
15
GND
P
Power Ground (0V)
16
LEDK6
P
LED Cathode6
17
LEDK5
LED Cathode5
18
LEDK4
LED Cathode4
19
LEDK3
LED Cathode3
20
LEDK2
LED Cathode2
21
LEDK1
LED Cathode1
22
VDD
P
Positive Power Supply
23
VDD
24
LEDA
P
LEDs Anode
25
GND
P
Power Ground (0V)
26
NC
-
-
:
:
29
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com