Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT032DNAFWD Datasheet(PDF) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT032DNAFWD
Description  LCD Module User Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT032DNAFWD Datasheet(HTML) 6 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT032DNAFWD Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TOPWAY
LCD Module User Manual
LMT032DNAFWD
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT032DNAFWD-Manual-Rev0.1
Page: 6 of 17
6. AC Characteristics
6.1
AC Timing
VDD=3.0V, TOP =25C
Signal
Symbol
Parameter
Spec.
Unit
Description
Min.
Typ
Max.
D/C
tAST
Address setup time
10
-
-
ns
tAHT
Address hole time(Write/Read)
10
-
-
/CS
tCHW
Chip select “H” pulse width
10
-
-
ns
tCS
Chip select setup time(Write)
56
-
-
tRCSFM
Chip select setup time(Read FM)
440
-
-
tCSF
Chip select wait time(Write/Read)
12.5
-
-
tCSH
Chip select hold time
12.5
-
-
/WR
tWC
Write cycle
82.5
-
-
ns
tWRH
Control pulse “H” duration
18.75
-
-
tWRL
Control pulse “L” duration
18.75
-
-
/RD
(FM)
tRCFM
Read cycle(FM)
560
-
-
ns
When read from
frame memory
tRDHFM
Control pulse “H” duration(FM)
112
-
-
tRDLFM
Control pulse “L” duration(FM)
440
-
-
D[7:0]
tDST
Data setup time
12.5
-
-
ns
For maximum
CL=30pF
For minimum
CL=8pF
tDHT
Data hold time
8
-
-
tRATFM
Read access time(FM)
-
-
425
tODH
Output disable time
16
-
64
Note:
*1. The input signal rise time and fall time(tr , tf)is specified at 15 ns or less
*2. Logic high and low levels are specified as 30% and 70% of VDD for input signals.
*3 .Refer to the ILI9341 datasheet for more details.
6.2
Register Write/Read timing (for CPU 8 Bit)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com