Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT032DNAFWD Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT032DNAFWD
Description  LCD Module User Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT032DNAFWD Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT032DNAFWD Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TOPWAY
LCD Module User Manual
LMT032DNAFWD
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT032DNAFWD-Manual-Rev0.1
Page: 3 of 17
1. General Specification
Note:
*1 Color tune may slightly changed by temperature and driving voltage.
2. Block Diagram
Screen Size(Diagonal) :
3.2 inch
Resolution :
320(RGB) x 240
Signal Interface :
8-bit MCU Interface
Color Depth :
262k color(16bit)
Pixel Pitch :
0.2025 x 0.2025 (mm)
Pixel Configuration :
Horizontal RGB Stripe
Display Mode :
Transmissive / normal white
Surface Treatment :
Anti-Glare Surface
Viewing Direction :
6 o’clock
Outline Dimension :
54.34 x 77.7 x 2.4 (mm)
(see attached drawing for details)
Active Area :
64.8 x 48.6 (mm)
Backlight :
6 LEDs
Operating Temperature :
-20 ~ +70°C
Storage Temperature :
-30 ~ +80°C
240(x3) x 320 pixels
TFT Panel
Backlight Circuit
LEDA
D0~D7
VDD, VSS
FMARK, /RES, /RD, /WR, D/C, /CS
ILI9341 or equivalent
LEDK1, LEDK2, LEDK3, LEDK4, LEDK5, LEDK6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com