Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT032DNAFWD Datasheet(PDF) 15 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT032DNAFWD
Description  LCD Module User Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT032DNAFWD Datasheet(HTML) 15 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LMT032DNAFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 14Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 15Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 16Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 17Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
TOPWAY
LCD Module User Manual
LMT032DNAFWD
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT032DNAFWD-Manual-Rev0.1
Page: 15 of 17
8. Optical Characteristics
Item
Symbol
Condition
MIN.
TYP.
MAX.
UNIT
Note.
Brightness
Bp
θ=0°
Φ
=0°
-
-
-
Cd/m2
Note 1
Uniformity
△
Bp
80%
-
-
-
Note 1,2
Viewing
Angle
θ=0
o
Cr≥10
-
45
-
Deg
Note 3
θ=90
o
-
45
-
θ=180
o
-
20
-
θ=270
o
-
45
-
Contrast ratio
CR
θ=0
o
Φ
=0°
25℃
-
500
-
-
Note 4
Response Time
Ton
-
25
40
msec
Note 5
Toff
msec
Color of
CIE
Coordinate
White
X
θ=0°
Φ
=0°
0.255
0.305
0.355
-
Note 1,6
Y
0.275
0.325
0.375
-
Red
X
0.576
0.626
0.676
-
Y
0.284
0.334
0.384
-
Green
X
0.227
0.277
0.327
-
Y
0.499
0.549
0.599
-
Blue
X
0.092
0.142
0.192
-
Y
0.072
0.122
0.172
-
NTSC Ratio
S
-
60%
Note:The parameter is slightly changed by temperature, driving voltage and materiel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com