Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMT032DNAFWD Datasheet(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LMT032DNAFWD
Description  LCD Module User Manual
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LMT032DNAFWD Datasheet(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

  LMT032DNAFWD Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LMT032DNAFWD Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TOPWAY
LCD Module User Manual
LMT032DNAFWD
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LMT032DNAFWD-Manual-Rev0.1
Page: 5 of 17
4. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
VDD
-0.3
+4.0
V
GND = 0V
Operating Temperature
TOP
-20
+70
C
No Condensation
Storage Temperature
TST
-30
+80
C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional
operation of this device at other conditions beyond those listed in the specification is not implied and prolonged exposure
to extreme conditions may affect device reliability.
5. Electrical Characteristics
5.1
DC Characteristics (MCU terminal)
VSS=0V, TOP =25C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Operating Voltage
VDD
2.7
3.0
3.3
V
VDD
Input High Voltage
VIH
0.8VDD
-
VDD
V
Input pins
Input Low Voltage
VIL
VSS
-
0.2VDD
V
Input pins
Output Signal High Voltage
VOH
0.7VDD
-
VDD
V
Output Signal Low Voltage
VOL
0
-
0.3xVDD
V
Operating Current (
*1)
IDD
-
12
40
mA
All on: black
*1. It applies, when there is no access from MPU.
5.2
LED Backlight Circuit Characteristics
IfVLED+=40mA, TOP=25C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Note
Forward Voltage
Vf
-
3.3
-
V
Forward Current
IfLEDKX
-
15
20
mA
Currnet for each LED
Cautions:
Exceeding the recommended driving current could cause substantial damage to the backlight and shorten its lifetime.
LEDK1
LEDA
No. of LEDs = 6pcs
LEDK2 LEDK3 LEDK4 LEDK5 LEDK6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com