Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FSU-ZAE Datasheet(PDF) 13 Page - STMicroelectronics

Part # M28W640FSU-ZAE
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSU-ZAE Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M28W640FSU-ZAE Datasheet HTML 9Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 10Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 11Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 12Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 13Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 14Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 15Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 16Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
13/49
M28W320FSU, M28W640FSU
If the second bus cycle is not Write Erase Confirm
(D0h), Status Register bits b4 and b5 are set and
the command aborts.
Erase aborts if Reset turns to VIL. As data integrity
cannot be guaranteed when the Erase operation is
aborted, the block must be erased again.
During Erase operations the memory will accept
the Read Status Register command and the Pro-
gram/Erase Suspend command, all other com-
mands will be ignored. Typical Erase times are
given in Table 7., Program, Erase Times and Pro-
gram/Erase Endurance Cycles.
See APPENDIX C., Figure 18., Erase Flowchart
and Pseudo Code, for a suggested flowchart for
using the Erase command.
Program Command
The memory array can be programmed word-by-
word. Two bus write cycles are required to issue
the Program Command.
■
The first bus cycle sets up the Program
command.
■
The second latches the Address and the Data
to be written and starts the Program/Erase
Controller.
During Program operations the memory will ac-
cept the Read Status Register command and the
Program/Erase Suspend command. Typical Pro-
gram times are given in Table 7., Program, Erase
Times and Program/Erase Endurance Cycles.
Programming aborts if Reset goes to VIL. As data
integrity cannot be guaranteed when the program
operation is aborted, the block containing the
memory location must be erased and repro-
grammed.
See APPENDIX C., Figure 14., Program Flow-
chart and Pseudo Code, for the flowchart for using
the Program command.
Double Word Program Command
This feature is offered to improve the programming
throughput, writing a page of two adjacent words
in parallel.The two words must differ only for the
address A0.
The Double Word Program command can be is-
sued either with VPP set to VPPH or to VDD.
Three bus write cycles are necessary to issue the
Double Word Program command.
■
The first bus cycle sets up the Double Word
Program Command.
■
The second bus cycle latches the Address and
the Data of the first word to be written.
■
The third bus cycle latches the Address and
the Data of the second word to be written and
starts the Program/Erase Controller.
Read operations output the Status Register con-
tent after the programming has started. Program-
ming aborts if Reset goes to VIL. As data integrity
cannot be guaranteed when the program opera-
tion is aborted, the block containing the memory
location must be erased and reprogrammed.
See APPENDIX C., Figure 15., Double Word Pro-
gram Flowchart and Pseudo Code for the flow-
chart for using the Double Word Program
command.
Quadruple Word Program Command
This feature is offered to improve the programming
throughput, writing a page of four adjacent words
in parallel.The four words must differ only for the
addresses A0 and A1.
A Quadruple word Program command will be ig-
nored if VPP is not set to VPPH.
Five bus write cycles are necessary to issue the
Quadruple Word Program command.
■
The first bus cycle sets up the Quadruple
Word Program Command.
■
The second bus cycle latches the Address and
the Data of the first word to be written.
■
The third bus cycle latches the Address and
the Data of the second word to be written.
■
The fourth bus cycle latches the Address and
the Data of the third word to be written.
■
The fifth bus cycle latches the Address and the
Data of the fourth word to be written and starts
the Program/Erase Controller.
Read operations output the Status Register con-
tent after the programming has started. Program-
ming aborts if Reset goes to VIL. As data integrity
cannot be guaranteed when the program opera-
tion is aborted, the block containing the memory
location must be erased and reprogrammed.
See APPENDIX C., Figure 16., Quadruple Word
Program Flowchart and Pseudo Code, for the
flowchart for using the Quadruple Word Program
command.
Clear Status Register Command
The Clear Status Register command can be used
to reset bits 1, 3, 4 and 5 in the Status Register to
‘0’. One bus write cycle is required to issue the
Clear Status Register command.
The bits in the Status Register do not automatical-
ly return to ‘0’ when a new Program or Erase com-
mand is issued. The error bits in the Status
Register should be cleared before attempting a
new Program or Erase command.
Program/Erase Suspend Command
The Program/Erase Suspend command is used to
pause a Program or Erase operation. One bus
write cycle is required to issue the Program/Erase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com