Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FSU-ZAE Datasheet(PDF) 33 Page - STMicroelectronics

Part # M28W640FSU-ZAE
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSU-ZAE Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M28W640FSU-ZAE Datasheet HTML 29Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 30Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 31Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 32Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 33Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 34Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 35Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 36Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
33/49
M28W320FSU, M28W640FSU
Table 21. Block Addresses, M28W640FSU
Block
Number
Address Range
63
3F0000h-3FFFFFh
62
3E0000h-3EFFFFh
61
3D0000h-3DFFFFh
60
3C0000h-3CFFFFh
59
3B0000h-3BFFFFh
58
3A0000h-3AFFFFh
57
390000h-39FFFFh
56
380000h-38FFFFh
55
370000h-37FFFFh
54
360000h-36FFFFh
53
350000h-35FFFFh
52
340000h-34FFFFh
51
330000h-33FFFFh
50
320000h-32FFFFh
49
310000h-31FFFFh
48
300000h-30FFFFh
47
2F0000h-2FFFFFh
46
2E0000h-2EFFFFh
45
2D0000h-2DFFFFh
44
2C0000h-2CFFFFh
43
2B0000h-2BFFFFh
42
2A0000h-2AFFFFh
41
290000h-29FFFFh
40
280000h-28FFFFh
39
270000h-27FFFFh
38
260000h-26FFFFh
37
250000h-25FFFFh
36
240000h-24FFFFh
35
230000h-23FFFFh
34
220000h-22FFFFh
33
210000h-21FFFFh
32
200000h-20FFFFh
31
1F0000h-1FFFFFh
30
1E0000h-1EFFFFh
29
1D0000h-1DFFFFh
28
1C0000h-1CFFFFh
27
1B0000h-1BFFFFh
26
1A0000h-1AFFFFh
25
190000h-19FFFFh
24
180000h-18FFFFh
23
170000h-17FFFFh
22
160000h-16FFFFh
21
150000h-15FFFFh
20
140000h-14FFFFh
19
130000h-13FFFFh
18
120000h-12FFFFh
17
110000h-11FFFFh
16
100000h-10FFFFh
15
0F0000h-0FFFFFh
14
0E0000h-0EFFFFh
13
0D0000h-0DFFFFh
12
0C0000h-0CFFFFh
11
0B0000h-0BFFFFh
10
0A0000h-0AFFFFh
9
090000h-09FFFFh
8
080000h-08FFFFh
7
070000h-07FFFFh
6
060000h-06FFFFh
5
050000h-05FFFFh
4
040000h-04FFFFh
3
030000h-03FFFFh
2
020000h-02FFFFh
1
010000h-01FFFFh
0
000000h-00FFFFh
Block
Number
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com