Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FSU-ZAE Datasheet(PDF) 32 Page - STMicroelectronics

Part # M28W640FSU-ZAE
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSU-ZAE Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M28W640FSU-ZAE Datasheet HTML 28Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 29Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 30Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 31Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 32Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 33Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 34Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 35Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
M28W320FSU, M28W640FSU
32/49
APPENDIX A. BLOCK ADDRESS TABLES
Table 20. Block Addresses, M28W320FSU
Block
Number
Address Range
31
1F0000h-1FFFFFh
30
1E0000h-1EFFFFh
29
1D0000h-1DFFFFh
28
1C0000h-1CFFFFh
27
1B0000h-1BFFFFh
26
1A0000h-1AFFFFh
25
190000h-19FFFFh
24
180000h-18FFFFh
23
170000h-17FFFFh
22
160000h-16FFFFh
21
150000h-15FFFFh
20
140000h-14FFFFh
19
130000h-13FFFFh
18
120000h-12FFFFh
17
110000h-11FFFFh
16
100000h-10FFFFh
15
0F0000h-0FFFFFh
14
0E0000h-0EFFFFh
13
0D0000h-0DFFFFh
12
0C0000h-0CFFFFh
11
0B0000h-0BFFFFh
10
0A0000h-0AFFFFh
9
090000h-09FFFFh
8
080000h-08FFFFh
7
070000h-07FFFFh
6
060000h-06FFFFh
5
050000h-05FFFFh
4
040000h-04FFFFh
3
030000h-03FFFFh
2
020000h-02FFFFh
1
010000h-01FFFFh
0
000000h-00FFFFh
Block
Number
Address Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com