Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FSU-ZAE Datasheet(PDF) 27 Page - STMicroelectronics

Part # M28W640FSU-ZAE
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSU-ZAE Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M28W640FSU-ZAE Datasheet HTML 23Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 24Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 25Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 26Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 27Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 28Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 29Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 30Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
27/49
M28W320FSU, M28W640FSU
Table 15. Write AC Characteristics, Chip Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. Applicable if VPP is seen as a logic input (VPP < 3.6V).
Symbol
Alt
Parameter
M28W320FSU
M28W640FSU
Unit
70
70
tAVAV
tWC
Write Cycle Time
Min
70
70
ns
tAVEH
tAS
Address Valid to Chip Enable High
Min
45
45
ns
tDVEH
tDS
Data Valid to Chip Enable High
Min
45
45
ns
tEHAX
tAH
Chip Enable High to Address Transition
Min
0
0
ns
tEHDX
tDH
Chip Enable High to Data Transition
Min
0
0
ns
tEHEL
tCPH Chip Enable High to Chip Enable Low
Min
25
25
ns
tEHGL
Chip Enable High to Output Enable Low
Min
25
25
ns
tEHWH
tWH
Chip Enable High to Write Enable High
Min
0
0
ns
tELEH
tCP
Chip Enable Low to Chip Enable High
Min
45
45
ns
tELQV
Chip Enable Low to Output Valid
Min
70
70
ns
tQVVPL
(1,2)
Output Valid to VPP Low
Min
0
0
ns
tVPHEH
(1)
tVPS VPP High to Chip Enable High
Min
200
200
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
0
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com