Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M28W640FSU-ZAE Datasheet(PDF) 47 Page - STMicroelectronics

Part # M28W640FSU-ZAE
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W640FSU-ZAE Datasheet(HTML) 47 Page - STMicroelectronics

Back Button M28W640FSU-ZAE Datasheet HTML 41Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 42Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 43Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 44Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 45Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 46Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 47Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 48Page - STMicroelectronics M28W640FSU-ZAE Datasheet HTML 49Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 49 page
background image
47/49
M28W320FSU, M28W640FSU
Table 29. Write State Machine Current/Next, sheet 2 of 2.
Note: Cmd = Command, Elect.Sg. = Electronic Signature, Prog. = Program, Prot = Protection.
Current State
Command Input (and Next State)
Read Elect.Sg.
(90h)
Read CFI Query
(98h)
Prot. Prog. Setup (C0h)
Read Array
Read Elect.Sg.
Read CFI Query
Prot. Prog. Setup
Read Status
Read Elect.Sg.
Read CFI Query
Prot. Prog. Setup
Read Elect.Sg.
Read Elect.Sg.
Read CFI Query
Prot. Prog. Setup
Read CFI Query
Read Elect.Sg.
Read CFI Query
Prot. Prog. Setup
Prot. Prog. Setup
Protection Register Program
Prot. Prog. (continue)
Protection Register Program (continue)
Prot. Prog. (complete)
Read Elect.Sg.
Read CFI Query
Prot. Prog. Setup
Prog. Setup
Program
Program (continue)
Program (continue)
Prog. Suspend
Read Status
Prog. Suspend Read Elect.Sg.
Prog. Suspend Read CFI Query
Program Suspend Read Array
Prog. Suspend
Read Array
Prog. Suspend Read Elect.Sg.
Prog. Suspend Read CFI Query
Program Suspend Read Array
Prog. Suspend
Read Elect.Sg.
Prog. Suspend Read Elect.Sg.
Prog. Suspend Read CFI Query
Program Suspend Read Array
Prog. Suspend
Read CFI
Prog. Suspend Read Elect.Sg.
Prog. Suspend Read CFI Query
Program Suspend Read Array
Program (complete)
Read Elect.Sg.
Read CFIQuery
Prot. Prog. Setup
Erase Setup
Erase Command Error
Erase Cmd.Error
Read Elect.Sg.
Read CFI Query
Prot. Prog. Setup
Erase (continue)
Erase (continue)
Erase Suspend
Read Ststus
Erase Suspend Read Elect.Sg.
Erase Suspend
Read CFI Query
Erase Suspend Read Array
Erase Suspend Read Array
Erase Suspend Read Elect.Sg.
Erase Suspend Read CFI Query
Erase Suspend Read Array
Erase Suspend Read Elect.Sg.
Erase Suspend Read Elect.Sg.
Erase Suspend Read CFI Query
Erase Suspend Read Array
Erase Suspend Read CFI Query
Erase Suspend Read Elect.Sg.
Erase Suspend Read CFI Query
Erase Suspend Read Array
Erase (complete)
Read Elect.Sg.
Read CFI Query
Prot. Prog. Setup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com