Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC61 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC61
Description  Positive Voltage Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC61 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC61 Datasheet HTML 1Page - First Silicon Co., Ltd FC61 Datasheet HTML 2Page - First Silicon Co., Ltd FC61 Datasheet HTML 3Page - First Silicon Co., Ltd FC61 Datasheet HTML 4Page - First Silicon Co., Ltd FC61 Datasheet HTML 5Page - First Silicon Co., Ltd FC61 Datasheet HTML 6Page - First Silicon Co., Ltd FC61 Datasheet HTML 7Page - First Silicon Co., Ltd FC61 Datasheet HTML 8Page - First Silicon Co., Ltd FC61 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Transient Delay Time
tDLY (ms)
MIN.
MAX.
Condition
TYP.
MAX.
FC61X113XX
FC61X123XX
FC61X133XX
FC61X143XX
V DS = 0.5V
FC61X153XX
FC61X163XX
V IN = 1.0V
FC61X173XX
FC61X183XX
FC61X193XX
FC61X202XX
FC61X212XX
FC61X222XX
FC61X232XX
FC61X242XX
V DS = 0.5V
FC61X252XX
FC61X262XX
V IN = 2.0V
FC61X272XX
FC61X282XX
FC61X292XX
FC61X302XX
FC61X312XX
FC61X322XX
FC61X332XX
FC61X342XX
V DS = 2.1V
V DS = 0.5V
FC61X352XX
FC61X362XX
V N = 8.0V
V IN = 3.0V
FC61X372XX
FC61X382XX
FC61X392XX
FC61X402XX
FC61X412XX
FC61X422XX
FC61X432XX
FC61X442XX
V DS = 0.5V
FC61X452XX
FC61X462XX
V IN = 4.0V
FC61X472XX
FC61X482XX
FC61X492XX
FC61X502XX
FC61X512XX
FC61X522XX
FC61X532XX
FC61X542XX
V DS = 0.5V
FC61X552XX
FC61X562XX
V IN = 5.0V
FC61X572XX
FC61X582XX
FC61X592XX
FC61X602XX
FC61X702XX
0.2
1.0
0.8V
10V
-10.0
13.0
3.0
5.0
11.0
PartNumber
Operating Voltage
V N (V)
Pch IOUT (mA)
Nch IOUT (mA)
2019. 05. 15
4/13
FC61
Revision No : 1
Pch Output Current
Nch Output Current
Condition
TYP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com