Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC61 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC61
Description  Positive Voltage Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC61 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

Back Button FC61 Datasheet HTML 3Page - First Silicon Co., Ltd FC61 Datasheet HTML 4Page - First Silicon Co., Ltd FC61 Datasheet HTML 5Page - First Silicon Co., Ltd FC61 Datasheet HTML 6Page - First Silicon Co., Ltd FC61 Datasheet HTML 7Page - First Silicon Co., Ltd FC61 Datasheet HTML 8Page - First Silicon Co., Ltd FC61 Datasheet HTML 9Page - First Silicon Co., Ltd FC61 Datasheet HTML 10Page - First Silicon Co., Ltd FC61 Datasheet HTML 11Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
1) Supply Current vs. Input Voltage
FC61C182
0
0.5
1
1.5
2
2.5
3
3.5
0
1
23
4
5
6
7
8
9
10
Input Voltage VIN(V)
Topr =80℃
Topr =25℃
Topr =-40℃
2) Detect, Release Voltage vs. Ambient Temperature
FC61C272
2.68
2.70
2.72
2.74
2.76
2.78
2.80
2.82
2.84
2.86
2.88
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (
℃)
VDF
VDR
FC61C182
1.78
1.80
1.82
1.84
1 86
1.88
1.90
1.92
-60
-40
-20
0
20
40
60
80
100
Ambient Temperature (
℃)
VDF
VDR
3) Output Voltage vs. Input Voltage
Typical Performance Characteristics
2019. 05. 15
7/13
FC61
Revision No : 1
FC61C272
0
0.5
1
1.5
2
2.5
3
3.5
0
1
2
3
4
5
6
7
8
9
10
Input Voltage VIN(V)
Topr =80℃
Topr =25℃
Topr =-40℃
FC61C182
0
0 5
1
1 5
2
2 5
3
0
0.5
1
1 5
2
2.5
Input Vol tage VIN(V)
Topt = 25℃
FC61C272
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
1
1.5
2
2.5
3
Input Voltage VIN(V)
Topt = 25℃
◆
◆
◆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com