Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC61 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC61
Description  Positive Voltage Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC61 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC61 Datasheet HTML 1Page - First Silicon Co., Ltd FC61 Datasheet HTML 2Page - First Silicon Co., Ltd FC61 Datasheet HTML 3Page - First Silicon Co., Ltd FC61 Datasheet HTML 4Page - First Silicon Co., Ltd FC61 Datasheet HTML 5Page - First Silicon Co., Ltd FC61 Datasheet HTML 6Page - First Silicon Co., Ltd FC61 Datasheet HTML 7Page - First Silicon Co., Ltd FC61 Datasheet HTML 8Page - First Silicon Co., Ltd FC61 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Electrical Characteristics By Detector Threshold
Standard
Detector
Accuracy
MIN.
TYP.
MAX.
MIN.
MAX.
Condition
FC61X113XX
1.067
1.100
1.133
FC61X123XX
1.164
1.200
1.236
FC61X133XX
1.261
1.300
1.339
FC61X143XX
1.358
1.400
1.442
FC61X153XX
1.455
1.500
1.545
FC61X163XX
1.552
1.600
1.648
FC61X173XX
1.649
1.700
1.751
FC61X183XX
1.746
1.800
1.854
FC61X193XX
1.843
1.900
1.957
FC61X202XX
1.960
2.000
2.040
FC61X212XX
2.058
2.100
2.142
FC61X222XX
2.156
2.200
2.244
FC61X232XX
2.254
2.300
2.346
FC61X242XX
2.352
2.400
2.448
FC61X252XX
2.450
2.500
2.550
FC61X262XX
2.548
2.600
2.652
FC61X272XX
2.646
2.700
2.754
FC61X282XX
2.744
2.800
2.856
FC61X292XX
2.842
2.900
2.958
FC61X302XX
2.940
3.000
3.060
FC61X312XX
3.038
3.100
3.162
FC61X322XX
3.136
3.200
3.264
FC61X332XX
3.234
3.300
3.366
FC61X342XX
3.332
3.400
3.468
FC61X352XX
3.430
3.500
3.570
FC61X362XX
3.528
3.600
3.672
FC61X372XX
3.626
3.700
3.774
FC61X382XX
3.724
3.800
3.876
FC61X392XX
3.822
3.900
3.978
FC61X402XX
3.920
4.000
4.080
FC61X412XX
4.018
4.100
4.182
FC61X422XX
4.116
4.200
4.284
FC61X432XX
4.214
4.300
4.386
FC61X442XX
4.312
4.400
4.488
FC61X452XX
4.410
4.500
4.590
FC61X462XX
4.508
4.600
4.692
FC61X472XX
4.606
4.700
4.794
FC61X482XX
4.704
4.800
4.896
FC61X492XX
4.802
4.900
4.998
FC61X502XX
4.900
5.000
5.100
FC61X512XX
4.998
5.100
5.202
FC61X522XX
5.096
5.200
5.304
FC61X532XX
5.194
5.300
5.406
FC61X542XX
5.292
5.400
5.508
FC61X552XX
5.390
5.500
5.610
FC61X562XX
5.488
5.600
5.712
FC61X572XX
5.586
5.700
5.814
FC61X582XX
5.684
5.800
5.916
FC61X592XX
5.782
5.900
6.018
FC61X602XX
5.880
6.000
6.120
FC61X702XX
6.860
7.000
7.210
VIN = 6.0V
2.4
4.5
2.5
2.0
1.0
VIN = 1.0V
0.8
VIN = 2.0V
VIN = 5.0V
2.0
4.0
VIN = 3.0V
1.3
3.0
VIN = 4.0V
1.6
3.5
Supply Current
ISS (uA)
3%
Hysteresis Range
VHYS (V)
Detector Threshold
VDF (V)
VDF x 0.02 VDF x 0.08
2%
Part Number
2019. 05. 15
3/13
FC61
Revision No : 1
◆
◆
◆
MAX.
TYP.
VDF x 0.02 VDF x 0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com