Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC61 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC61
Description  Positive Voltage Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC61 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC61 Datasheet HTML 1Page - First Silicon Co., Ltd FC61 Datasheet HTML 2Page - First Silicon Co., Ltd FC61 Datasheet HTML 3Page - First Silicon Co., Ltd FC61 Datasheet HTML 4Page - First Silicon Co., Ltd FC61 Datasheet HTML 5Page - First Silicon Co., Ltd FC61 Datasheet HTML 6Page - First Silicon Co., Ltd FC61 Datasheet HTML 7Page - First Silicon Co., Ltd FC61 Datasheet HTML 8Page - First Silicon Co., Ltd FC61 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Detect Voltage
Hysteresis Range
Supply Current
Operating Voltage
Output Current
Transient Delay Time
(V
V
Inversion)
2019. 05. 15
2/13
FC61
Revision No : 1
DR
OUT
VDF
VHYS
ISS
I OUT
t DLY
VIN
V
= 1.1V to 1.9V
DF
V
= 5.0V
IN
V
= 4.0V
IN
V
= 0.5V
IN
V
= 1.0V
IN
V
= 2.0V
IN
V
= 5.0V
IN
V
= 4.0V
IN
V
= 3.0V
IN
V
= 2.0V
IN
V
= 1.0V
IN
V
= 1.1 ~ 7.0V
DF
V
= 3.0V
IN
V
= 2.0V to 7.0V
DF
V
= 2.0V
DS
V
= 8.0V
IN
(CMOS Output)
While V
changes from
0.6V to 10V
IN
Nch
Pch
X0.97
0.8
X0.02
X0.98
VDF
VDF
V
X0.05
DF
0.8
1.0
1.3
1.6
2.0
1.0
3.0
5.0
11.0
13.0
-10.0
X1.03
X0.08
X1.02
2.0
2.5
3.0
3.5
4.0
10.0
0.2
V
ms
mA
V
uA
V
V
◆
◆
◆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com