Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FC61 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC61
Description  Positive Voltage Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC61 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC61 Datasheet HTML 1Page - First Silicon Co., Ltd FC61 Datasheet HTML 2Page - First Silicon Co., Ltd FC61 Datasheet HTML 3Page - First Silicon Co., Ltd FC61 Datasheet HTML 4Page - First Silicon Co., Ltd FC61 Datasheet HTML 5Page - First Silicon Co., Ltd FC61 Datasheet HTML 6Page - First Silicon Co., Ltd FC61 Datasheet HTML 7Page - First Silicon Co., Ltd FC61 Datasheet HTML 8Page - First Silicon Co., Ltd FC61 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FC61 Series Positive Voltage Detector
Application
◆
Memory Battery Back-up Circuits
◆
Microprocessor Reset Circuitry
◆
Power Failure Detection
◆
Power-on Reset Circuit
◆
System Battery Life and Charge Voltage
Monitor
Features
● CMOS Low Power Consumption : Typical 1.0uA at
Vin=2.0V
● Selectable Detect Voltage : 1.1V to 7.0V in 0.1V increments
● Highly Accurate : Detect Voltage 1.1V to 1.9V±3%
Detect Voltage 2.0V to 7.0V ±2%
● Operating Voltage : 0.8V to 10.0V
● Package Available : SOT-23 (150mW), SOT-89 (500mW)
& TO92 (300mW)
General Description
The FC61 is a group of high-precision and low-power voltage detectors.
The FC61 consists of a highly-accurate and low-power reference voltage source, a comparator,
a hysteresis circuit, and an output driver. Detect voltage is very accurate and stable with
N-channel open drain and CMOS, are available.
Block Diagram
(1) CMOS Output
(2) N-Channel Open Drain Output
Absolute Maximum Ratings
Parameter
Symbol
Ratings
Units
Input Voltage
V IN
10
Output Current
I OUT
50
Output Voltage
VOUT
VSS-0.3 ~VIN +0.3
SOT-23
150
SOT-89
500
Continuous
Total Power
Dissipation TO-92
Pd
300
mW
Operating Ambient
Temperature
Topr
-40 ~ +85
oC
Storage Temperature
stg
-55 ~ +125
oC
2019. 05. 15
1/13
SEMICONDUCTOR
TECHNICAL DATA
FC61
Revision No : 1
V
mA
V
T
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆ ◆
◆
◆
◆
◆


Similar Part No. - FC61

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FC6100 CLIFF-FC6100 Datasheet
1Mb / 2P
Pole Female Socket
FC6100 CLIFF-FC6100 Datasheet
456Kb / 2P
METAL XLR CONNECTORS
FC6100 CLIFF-FC6100 Datasheet
337Kb / 2P
METAL XLR CONNECTORS
FC6100 CLIFF-FC6100_V01 Datasheet
456Kb / 2P
METAL XLR CONNECTORS
FC6100 CLIFF-FC6100_V02 Datasheet
337Kb / 2P
METAL XLR CONNECTORS
More results

Similar Description - FC61

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
List of Unclassifed Man...
ML6102 ETC1-ML6102 Datasheet
383Kb / 11P
ML6102 Series Positive Voltage Detector (Inverted Output)
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
Minilogic Device Corpor...
ML61 MINILOGIC-ML61 Datasheet
892Kb / 14P
Series Positive Voltage Detector
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Minilogic Device Corpor...
ML6102 MINILOGIC-ML6102 Datasheet
389Kb / 11P
Positive Voltage Detector (Inverted Output)
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com