Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1513 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FAC1513
Description  2A 380KHz 20V PWM Buck DC/DC Converte
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1513 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FAC1513 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Electrical Characteristics
VCC = 12V, Ta = 25℃ unless otherwise specified.
Parameters
Symbol
Test Condition
Min.
Typ.
Max.
Unit
V
e
g
a
tl
o
v
t
u
p
n
I
IN
V
0
2
6
.
3
Shutdown Supply Current
ISTBY
VEN=0V
30
90
uA
I
t
n
e
rr
u
C
y
l
p
p
u
S
CC
VEN=2V, VFB=1.3V
3.6
4
mA
Feedback Voltage
VFB
VIN = 3.6V to 20V
0.776
0.8
0.824
V
Feedback Bias Current
IFB
VFB=1.3V
0.1
0.5
uA
Switch Current Limit
ILIM
A
4
3
Oscillator Frequency
FOSC
z
H
K
0
4
4
0
8
3
0
2
3
Frequency of Current Limit or
Short Circuit Protection
FOSC1
VFB=0V
42
KHz
EN Pin Threshold
VEN
VIN =12V, VFB=0V
0.7
1.2
1.7
V
EN Pin Input Leakage Current
IH
VEN=2.5V
-0.1
-1
uA
IL
VEN=0.5V
-3
-10
uA
Internal PMOS RDSON
RDSON
VIN =12V, VFB=0V
VEN=12V, Iout=2A
140
mΩ
D
e
l
c
y
C
y
t
u
D
.
x
a
M
MAX
VFB=0V, ISW=0.1A
100
%
Efficiency
η
VIN=12V ,Vout=5V
Iout=2A
-
92
-
%
Thermal Shutdown
TOTSD
C
º
5
6
1
FAC1513
2011.06. 17
5/15
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com