Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1513 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FAC1513
Description  2A 380KHz 20V PWM Buck DC/DC Converte
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1513 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FAC1513 Datasheet HTML 1Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 2Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 3Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 4Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 5Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
2A 380KHz 20V PWM Buck DC/DC Converte
General Description
The FAC1513 is a 380 KHz fixed frequency monolithic
step down switch mode regulator with a built in internal
Power MOSFET. It achieves 2A continuous output
current over a wide input supply range with excellent
load and line regulation.
The device includes a voltage reference, oscillation
circuit, error amplifier, internal PMOS and etc.
The PWM control circuit is able to adjust the duty ratio
linearly from 0 to 100%. An enable function, an over
current protection function and a short circuit protection
function are built inside. An internal compensation block
is built in to minimize external component count.
The FAC1513 serves as ideal power supply units for
portable devices.
Features
2A Constant Output Current
140m
Ω R
DSON Internal Power PMOSFET Switch
Up to 95% Efficiency
Fixed 380KHz Frequency
Wide 1.0V to 20V Input Voltage Range
Output Adjustable from 0.8V to 18V
Built in Frequency Compensation
Built in Thermal Shutdown Function
Built in Current Limit Function
SOP-8 Package is Available
The minimum dropout up to 0.3V
Applications
Portable DVD
LCD Monitor / TV
Battery Charger
ADSL Modem
Telecom / Networking Equipment
Package Types
Figure 1. Package Types of FAC1513
SEMICONDUCTOR
TECHNICAL D ATA
FAC1513
2011.06. 17
1/15
Revision No : 1


Similar Part No. - FAC1513

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FAC1501H FS-FAC1501H Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-50 FS-FAC1501HXX5-50 Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1501HXX5-ADJ FS-FAC1501HXX5-ADJ Datasheet
1Mb / 15P
3A 150KHz PWM Buck DC/DC Converter
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
FAC1507D5 FS-FAC1507D5 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
More results

Similar Description - FAC1513

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
2A 380KHz 20V PWM Buck DC/DC Converter
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1410 TECHCODE-TD1410 Datasheet
635Kb / 15P
2A 380KHz 20V PWM Buck DC/DC Converter
TD1534 TECHCODE-TD1534 Datasheet
710Kb / 16P
2A 380KHz 20V PWM Buck DC/DC Converter
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
2A 380KHZ 20V PWM Buck DC/DC Converter
FAC1534 FS-FAC1534 Datasheet
863Kb / 15P
2A 380KHz 20V PWM Buck DC/DC Converte
FAC1591 FS-FAC1591 Datasheet
747Kb / 12P
2A 380KHZ 32V PWM Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM1530 HMSEMI-HM1530 Datasheet
291Kb / 9P
3A 380KHz 18V Buck DC to DC Converte
logo
TECHCODE SEMICONDUCTOR,...
TD1410C TECHCODE-TD1410C Datasheet
336Kb / 13P
1.8A 380KHZ 20V PWM Buck DC/DC Converter
February, 2007 Rev 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com