Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1513 Datasheet(PDF) 10 Page - First Silicon Co., Ltd

Part # FAC1513
Description  2A 380KHz 20V PWM Buck DC/DC Converte
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1513 Datasheet(HTML) 10 Page - First Silicon Co., Ltd

Back Button FAC1513 Datasheet HTML 6Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 11Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 12Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 13Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 14Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Schottky Rectifier Selection Guide
Vin (Max)
2A Load Current
Part Number
Vendor
20V
B220
1
SK23
6
SR22
6
Table 1 lists some recti�ier manufacturers.
e
ti
S
b
e
W
r
o
d
n
e
V
.
o
N
m
o
c
.
s
e
d
o
i
d
.
w
w
w
.
c
n
I
,
s
e
d
o
i
D
1
2
Fairchild Semiconductor
www.fairchildsemi.com
3
General Semiconductor
www.gensemi.com
4
International Rectifier
www.irf.com
5
On Semiconductor
www.onsemi.com
6
Pan Jit International
www.panjit.com.tw
Table 2 Schottky Diode manufacturers.
Output Voltage VS R1, R2 Resistor Selection Guide
Table 3. Vout VS. R1, R2 Select Table
FAC1513
2011.06. 17
10/15
Revision No : 1
Vout = (1+R1/R2)*0.8V
1
R
t
u
o
V
R2
K
5
.
1
V
8
.
1
1.2K
K
7
.
4
V
5
.
2
2.2K
3.3V
4.7K
1.5K
5V
16K
3K
12V
18K
1.2K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com