Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FAC1513 Datasheet(PDF) 14 Page - First Silicon Co., Ltd

Part # FAC1513
Description  2A 380KHz 20V PWM Buck DC/DC Converte
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FAC1513 Datasheet(HTML) 14 Page - First Silicon Co., Ltd

Back Button FAC1513 Datasheet HTML 7Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 8Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 9Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 10Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 11Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 12Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 13Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 14Page - First Silicon Co., Ltd FAC1513 Datasheet HTML 15Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Function Description(Cont.)
T (jun-amb) =(Ptotalloss–Pinductorloss)× ΘJA
The maximum junction temperature of FAC1513 is 145°C,
which limits the maximum load current capability. Please
see the thermal de-rating curves for the maximum load
current of the FAC1513 under different ambient
temperatures.
The thermal performance of the FAC1513 is trongly
affected by the PCB layout. Extra care should be taken
by users during the design process to nsure that the IC
will operate under the recommended environmental
conditions.
Several layout tips are listed below for the best electric
and thermal performance.
1. Do not use thermal relief connection to the VIN and
the GND pin. Pour a maximized copper area to the GND
pin and the VIN pin to help thermal dissipation.
2. Input capacitor should be connected to the VIN pin
and the GND pin as close as possible.
3. Make the current trace from VOUT pins to L to the
GND as short as possible.
4. Pour copper plane on all unused board area and
connect it to stable DC nodes, like VIN, GND, or VOUT.
5. Keep sensitive signal traces such as trace connecting
FB pin away from the VOUT pins.
FAC1513
2011.06. 17
14/15
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com